| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SB709A bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
2SB709A bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
1 / 3 page ![]() Elektronische Bauelemente 2SB709A -0.2A , -45V PNP Silicon General Purpose Transistor 21-Jan-2011 Rev. B Page 1 of 3 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. 1 Base 2 Emitter Collector 3 RoHS Compliant Product A suffix of “-C” specifies halogen and lead free FEATURES For general amplification Complementary of the 2SD601A CLASSIFICATION OF hFE Product-Rank 2SB709A-Q 2SB709A-R 2SB709A-S Range 160~260 210~340 290~460 Marking BQ1 BR1 BS1 PACKAGE INFORMATION Package MPQ LeaderSize SOT-23 3K 7’ inch ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) Parameter Symbol Ratings Unit Collector to Base Voltage VCBO -45 V Collector to Emitter Voltage VCEO -45 V Emitter to Base Voltage VEBO -7 V Collector Currrent IC -100 mA Collector Power Dissipation PC 200 mW Junction & Storage Temperature TJ, TSTG 150, -55 ~ 150 ℃ ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) Parameter Symbol Min. Typ. Max. Unit Test Conditions Collector-base breakdown voltage V(BR)CBO -45 - - V IC= -10 μA, I E=0 Collector-emitter breakdown voltage V(BR)CEO -45 - - V IC= -2mA, IB=0 Emitter-base breakdown voltage V(BR)EBO -7 - - V IE= -10 μA, I C=0 Collector cut-off current ICBO - - -0.1 μA VCB= -20V, IE=0 Emitter cut-off current ICEO - - -100 μA VCE= -10V, IB=0 Collector-emitter saturation voltage VCE(sat) - - -0.5 V IC= -100mA, IB= -10mA DC current gain hFE 160 - 460 VCE= -10V, IC= -2mA Transition frequency fT 60 - - MHz VCE= -10V, IC= -1mA, f=200MHz Collector output capacitance Cob - - 2.7 pF VCB= -10V, IE=0, f=1MHz Top View A L C B D G H J F K E 1 2 3 1 2 3 Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 2.80 3.04 G 0.09 0.18 B 2.10 2.55 H 0.45 0.60 C 1.20 1.40 J 0.08 0.177 D 0.89 1.15 K 0.6 REF. E 1.78 2.04 L 0.89 1.02 F 0.30 0.50 SOT-23 |
Số phần tương tự - 2SB709A |
|
Mô tả tương tự - 2SB709A |