công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1165 bảng dữ liệu(PDF) 30 Page - Infineon Technologies AG

tên linh kiện TC1165
Giải thích chi tiết về linh kiện  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 bảng dữ liệu(HTML) 30 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 26Page - Infineon Technologies AG TC1165 Datasheet HTML 27Page - Infineon Technologies AG TC1165 Datasheet HTML 28Page - Infineon Technologies AG TC1165 Datasheet HTML 29Page - Infineon Technologies AG TC1165 Datasheet HTML 30Page - Infineon Technologies AG TC1165 Datasheet HTML 31Page - Infineon Technologies AG TC1165 Datasheet HTML 32Page - Infineon Technologies AG TC1165 Datasheet HTML 33Page - Infineon Technologies AG TC1165 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 133 page
background image
TC1165/TC1166
Functional Description
Preliminary
Data Sheet
26
V1.0, 2008-04
•
On-chip generation of programming voltage
•
JEDEC-standard based command sequences for PFLASH control
– Write state machine controls programming and erase operations
– Status and error reporting by status flags and interrupt
•
Margin check for detection of problematic PFLASH bits
Features of Data Flash
•
32 Kbyte on-chip data Flash memory, organized in two 16 Kbyte banks
•
Usable for data storage with EEPROM functionality
•
128 Byte of program interface
– 128 bytes are programmed into one DFLASH page by one step/command
•
64-bit read interface (no burst transfers)
•
Dynamic correction of single-bit errors during read access
•
Detection of double-bit errors
•
Fixed sector architecture
– Two 16 Kbyte banks/sectors
– Each sector separately erasable
•
Configurable read protection (combined with write protection) for complete DFLASH
together with PFLASH read protection
•
Password mechanism for temporary disabling of write and read protection
•
Erasing/programming of one bank possible while reading data from the other bank
•
Programming of one bank while erasing the other bank possible
•
On-chip generation of programming voltage
•
JEDEC-standard based command sequences for DFLASH control
– Write state machine controls programming and erase operations
– Status and error reporting by status flags and interrupt
•
Margin check for detection of problematic DFLASH bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More