công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8420ARMZ-R7 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD8420ARMZ-R7
Giải thích chi tiết về linh kiện  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ-R7 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD8420ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8420ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD8420
Preliminary Technical Data
Rev. PrD | Page 2 of 2
SPECIFICATIONS
+VS = +5V, −VS = 0V, VREF = 0 V, VIN+=0V, VIN-=0V, TA = 25°C, G = 1 to 1000, RL = 20 kΩ, specifications referred to input, unless
otherwise noted
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
VCM = 0 V to 2.7 V
CMRR DC to 60 Hz
100
dB
CMRR at 1 kHz
dB
NOISE
Voltage Noise
Spectral Density
f = 1 kHz, VDIFF ≤100 mV
50
nV/√Hz
Peak to Peak
f = 0.1 Hz to 10 Hz, VDIFF ≤ 100 mV
1.5
µV p-p
Current Noise
Spectral Density
f = 1 kHz
fA/√Hz
Peak to Peak
f = 0.1 Hz to 10 Hz
pA p-p
VOLTAGE OFFSET
Offset
200
µV
Average Temperature Coefficient
TA = −40°C to +85°C
1
µV/°C
Offset RTI vs. Supply (PSR)
dB
INPUTS
Valid for REF & FB pair, as well as +IN & -IN
Input Bias Current1
TA = +25°C
25
40
nA
TA = +85°C
nA
TA = −40°C
nA
Average Temperature Coefficient
TA = −40°C to +85°C
pA/°C
Input Offset Current
TA = +25°C
1
nA
TA = +85°C
nA
TA = −40°C
nA
Average Temperature Coefficient
TA = −40°C to +85°C
pA/°C
Input Impedance
Differential
130||2
MΩ||pF
Common Mode
1000||2
MΩ||pF
Differential Input Operating Voltage
TA = –40°C to +85°C
-1
1
V
Input Operating Voltage (+IN, -IN, or REF)
TA = +25°C
−VS – 0.15
+VS −2.2
V
TA = +85°C
−VS – 0.05
+VS – 1.8
V
TA = –40°C
−VS – 0.2
+VS – 2.7
V
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
G = 1
250
kHz
G = 10
25
kHz
G = 100
2.5
kHz
G =1000
0.25
kHz
Settling Time 0.01%
4 V step
G = 10
µs
G = 100
µs
G = 1000
µs
Slew Rate
Exceeds Bandwidth Limit
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10