| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16IS740IPW bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS740IPW bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 63 page ![]() SC16IS740_750_760 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 7 — 9 June 2011 13 of 63 NXP Semiconductors SC16IS740/750/760 Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR 7.4 Reset and power-on sequence 7.4.1 Hardware reset, Power-On Reset (POR) and software reset These three reset methods are identical and will reset the internal registers as indicated in Table 4. Table 4 summarizes the state of register. Fig 11. Example of software flow control TRANSMIT FIFO PARALLEL-TO-SERIAL SERIAL-TO-PARALLEL Xon1 WORD Xon2 WORD Xoff1 WORD Xoff2 WORD RECEIVE FIFO PARALLEL-TO-SERIAL SERIAL-TO-PARALLEL Xon1 WORD Xon2 WORD Xoff1 WORD Xoff2 WORD UART2 UART1 002aaa229 data Xoff–Xon–Xoff compare programmed Xon-Xoff characters Table 4. Register reset[1] Register Reset state Interrupt Enable Register all bits cleared Interrupt Identification Register bit 0 is set; all other bits cleared FIFO Control Register all bits cleared Line Control Register reset to 0001 1101 (0x1D) Modem Control Register all bits cleared Line Status Register bit 5 and bit 6 set; all other bits cleared Modem Status Register bits 0:3 cleared; bits 4:7 input signals Enhanced Feature Register all bits cleared Receiver Holding Register pointer logic cleared Transmitter Holding Register pointer logic cleared Transmission Control Register all bits cleared. Trigger Level Register all bits cleared. |