| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8531U2D bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531U2D bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 51 page ![]() PCF8531 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 16 May 2011 7 of 51 NXP Semiconductors PCF8531 34 x 128 pixel matrix driver VLCDOUT 17 3099.5 823.4 voltage multiplier output (VLCD) [3] VLCDOUT 18 3029.5 823.4 VLCDOUT 19 2959.5 823.4 VLCDOUT 20 2889.5 823.4 VLCDOUT 21 2819.5 823.4 VLCDOUT 22 2749.5 823.4 VLCDOUT 23 2679.5 823.4 VLCDIN 24 2539.5 823.4 LCD supply voltage (VLCD) [2] VLCDIN 25 2469.5 823.4 VLCDIN 26 2399.5 823.4 VLCDIN 27 2329.5 823.4 VLCDIN 28 2259.5 823.4 VLCDIN 29 2189.5 823.4 VLCDIN 30 2119.5 823.4 RES 31 1979.5 823.4 external reset input (active LOW) [4] VDD3 32 1699.5 823.4 supply voltage 3 [5] VDD3 33 1629.5 823.4 VDD3 34 1559.5 823.4 VDD2 35 1279.5 823.4 supply voltage 2 [5] VDD2 36 1209.5 823.4 VDD2 37 1139.5 823.4 VDD2 38 1069.5 823.4 VDD2 39 999.5 823.4 VDD2 40 929.5 823.4 VDD2 41 859.5 823.4 VDD2 42 789.5 823.4 VDD1 43 649.5 823.4 supply voltage 1 [5] VDD1 44 579.5 823.4 VDD1 45 509.5 823.4 VDD1 46 439.5 823.4 VDD1 47 369.5 823.4 VDD1 48 299.5 823.4 VDD1 49 229.5 823.4 SDA 50 19.5 823.4 serial data line input of the I2C-bus SDA 51 −50.5 823.4 SDACK 52 −400.5 823.4 serial data acknowledge output [6] -53 −750.5 823.4 dummy SA0 54 −820.5 823.4 I2C-bus slave address input; bit 0 ENR 55 −1100.5 823.4 enable internal Power-On Reset (POR) input [7] Table 5. Bonding pad description …continued All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip (see Figure 2). Symbol Pad X ( μm) Y ( μm) Description |