công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33882EK bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện PC33882EK
Giải thích chi tiết về linh kiện  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882EK bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PC33882EK Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33882
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 17 V, -40 °C ≤ TA ≤ 125°C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Rise Time (29)
tR
1.0
–
10
μs
Output Fall Time (29)
tF
1.0
–
10
μs
Output Turn-ON Delay Time (30)
tDLY(ON)
1.0
–
10
μs
Output Turn-OFF Delay Time (31)
tDLY(OFF)
1.0
–
10
μs
Output Short Fault Sense Time (32)
RLOAD = < 1.0 V
tSS
25
–
100
μs
Output Short Fault Refresh Time (33)
RLOAD = < 1.0 V
tREF
3.0
4.5
6.0
ms
Output OFF Open Load Sense Time (34)
tOS(OFF)
25
60
100
μs
Output ON Open Load Sense Time (35)
tOS(ON)
3.0
–
12
ms
Output Short Fault ON Duty Cycle (36)
SCDC
0.42
–
3.22
%
DIGITAL INTERFACE TIMING
SCLK Clock High Time (SCLK = 3.2 MHz) (37)
tSCLKH
–
–
141
ns
SCLK Clock Low Time (SCLK = 3.2 MHz) (37)
tSCLKL
–
–
141
ns
Falling Edge (0.8 V) of CS to Rising Edge (2.0 V) of SCLK
Required Setup Time (37)
tLEAD
–
–
140
ns
Falling Edge (0.8 V) of SCLK to Rising Edge (2.0 V) of CS
Required Setup Time (37)
tLAG
–
–
50
ns
SI, CS, SCLK Incoming Signal Rise Time (37)
tRSI
–
–
50
ns
SI, CS, SCLK Incoming Signal Fall Time (37)
tFSI
–
–
50
ns
Notes
29.
Output Rise and Fall time measured at 10% to 90% and 90% to 10% voltage points respectively across 15
Ω resistive load to a VBAT
of 15 V, VPWR = 15 V.
30.
Output Turn-ON Delay Time measured from rising edge (3.0 V) VIN (CS for serial) to 90% VO using a 15 Ω load to a VBAT of 15 V,
VPWR = 15 V.
31.
Output Turn-OFF Delay Time measured from falling edge (1.0 V) VIN (3.0 V rising edge of CS for serial) to 10% VO using a 15 Ω load
to a VBAT of 15 V, VPWR = 15 V.
32.
The shorted output is turned ON during tSS to retry and check if the short has cleared. The shorted output is in current limit during tSS.
The tSS is measured from the start of current limit to the end of current limit.
33.
The Short Fault Refresh Time is the waiting period between tSS retry signals. The shorted output is disabled during this refresh time.
The tREF is measured from the end of current limit to the start of current limit.
34.
The tOS(OFF) is measured from the time the faulted output is turned OFF until the fault bit is available to be loaded into the internal fault
register. To guarantee a fault is reported on SO, the falling edge of CS must occur at least 100
μs after the faulted output is off.
35.
The tOS(ON) is measured from the time the faulted output is turned ON until the fault bit is available to be loaded into the internal fault
register. To guarantee a fault is reported on SO, the falling edge of CS must occur at least 12 ms after the faulted output is ON.
36.
Percent Output Short Fault ON Duty Cycle is defined as (tSS) ÷ (tREF) x 100. This specification item is provided FYI and is not tested.
37.
Parameter is not tested and values suggested are for system design consideration only in preventing the occurrence of double pulsing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com