công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX53AEC bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện IMX53AEC
Giải thích chi tiết về linh kiện  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53AEC bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button IMX53AEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
33
4.3.4
Ultra-High Voltage I/O (UHVIO) DC Parameters
The parameters in Table 15 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Table 15. UHVIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage1
Voh
Iout = –1mA
Iout= specified Ioh
Drive
OVDD–0.15
0.8 * OVDD
——
V
Low-level output voltage1
Vol
Iout = 1mA
Iout= specified Ioh
Drive
—
—
0.15
0.2 * OVDD
V
High-level output current, low voltage mode
Ioh_lv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–2.2
–4.4
–6.6
——
mA
High-level output current, high voltage
mode
Ioh_hv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–5.1
–10.2
–15.3
——
mA
Low-level output current, low voltage mode
Iol_lv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
2.2
4.4
6.6
——
mA
Low-level output current, high voltage mode
Iol_hv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
5.1
10.2
15.3
——
mA
High-Level DC input voltage1, 2
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1, 2
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
low voltage mode
high voltage mode
0.38
0.95
—0.43
1.33
V
Schmitt trigger VT+2, 3
VT+
—
0.5
× OVDD
—
—
V
Schmitt trigger VT–2, 3
VT–
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
Iin
Vin = OVDD or 0 V
—
—
1
μA
Input current (22 k
Ω Pull-up)
Iin
Vin = 0
Vin = OVDD
—
—
202
1
μA
Input current (75 k
Ω Pull-up)
Iin
Vin = 0
Vin = OVDD
——
61
1
μA
Input current (100 k
Ω Pull-up)
Iin
Vin = 0
Vin = OVDD
——
47
1
μA
Input current (360 k
Ω Pull-down)
Iin
Vin = 0
Vin = OVDD
——
1
5.7
μA
Keeper Circuit Resistance
—
—
—
1304
—k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com