công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F1827 bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện 16F1827
Giải thích chi tiết về linh kiện  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1827 bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button 16F1827 Datasheet HTML 34Page - Microchip Technology 16F1827 Datasheet HTML 35Page - Microchip Technology 16F1827 Datasheet HTML 36Page - Microchip Technology 16F1827 Datasheet HTML 37Page - Microchip Technology 16F1827 Datasheet HTML 38Page - Microchip Technology 16F1827 Datasheet HTML 39Page - Microchip Technology 16F1827 Datasheet HTML 40Page - Microchip Technology 16F1827 Datasheet HTML 41Page - Microchip Technology 16F1827 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 406 page
background image
PIC16(L)F1826/27
DS41391D-page 38
 2011 Microchip Technology Inc.
FIGURE 3-6:
ACCESSING THE STACK EXAMPLE 2
FIGURE 3-7:
ACCESSING THE STACK EXAMPLE 3
TOSH:TOSL
0x0F
0x0E
0x0D
0x0C
0x0B
0x0A
0x09
0x08
0x03
0x02
0x01
0x00
0x04
0x05
0x06
0x07
Return Address
This figure shows the stack configuration
after the first
CALL or a single interrupt.
If a
RETURN instruction is executed, the
return address will be placed in the
Program Counter and the Stack Pointer
decremented to the empty state (0x1F).
STKPTR = 0x00
TOSH:TOSL
0x0F
0x0E
0x0D
0x0C
0x0B
0x0A
0x09
0x08
0x03
0x02
0x01
0x00
0x04
0x05
0x06
0x07
Return Address
After seven
CALLs, or six CALLs and an
interrupt, the stack looks like the figure
on the left. A series of
RETURN instructions
will repeatedly place the return addresses
into the Program Counter and pop the stack.
STKPTR = 0x06
Return Address
Return Address
Return Address
Return Address
Return Address
Return Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More