công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS410 bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện HCS410
Giải thích chi tiết về linh kiện  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button HCS410_11 Datasheet HTML 11Page - Microchip Technology HCS410_11 Datasheet HTML 12Page - Microchip Technology HCS410_11 Datasheet HTML 13Page - Microchip Technology HCS410_11 Datasheet HTML 14Page - Microchip Technology HCS410_11 Datasheet HTML 15Page - Microchip Technology HCS410_11 Datasheet HTML 16Page - Microchip Technology HCS410_11 Datasheet HTML 17Page - Microchip Technology HCS410_11 Datasheet HTML 18Page - Microchip Technology HCS410_11 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 15
2.4.3
HCS410 RESPONSES
The responses from the HCS410 are in PPM format.
See Figure 2-17 for additional information. Every
response from the HCS410 is preceded by a “2 bit pre-
amble” of 012, and then 16/32 bits of data.
2.4.4
IFF RESPONSE
The 16/32-bit response to a 16/32-bit challenge, is
transmitted once, after which the device is ready to
accept another command. The same applies to the
result of a Read command. The opcode written to the
device specifies the challenge length and algorithm
used. The response always starts with a leading pre-
amble of 012 followed by the 16/32 bits of data.
2.4.5
IFF WRITE
The decoder can write to USER[0:3], SER[0:1], and the
configuration word in the EEPROM.
After the HCS410 has written the word into the
EEPROM, it will give two acknowledge pulses (TE wide
and TE apart) on the LC pins.
When writing to the serial number or configuration
word, the user must send the transport code before the
write will begin (Section 3.4) .
2.4.6
IFF READ
The decoder can read USER[0:3], SER[0:1], and the
configuration word in the EEPROM. After the data has
been read, the device is ready to receive a command
again.
Each read command is followed by a 16-bit data
response. The response always starts with a leading
preamble of 012 and then the 16-bits of data.
2.4.7
IFF PROGRAMMING
Upon receiving a programming opcode and the trans-
port code, the EEPROM is erased (Section 3.4). There-
after, the first 16 bits of data can be written. After
indicating that a write command has been successfully
completed the device is ready to receive the next 16
bits. After a complete memory map was received, it will
be transmitted in PPM format on the LC pins as 16-bit
words. This enables wireless programming of the
device.
After the EEPROM is erased, the configuration word is
reloaded. This results in oscillator tuning bits of 0000
being used during programming. When using IFF pro-
gramming, the user should read the configuration word
and store the oscillator bits in the memory map to be
programmed. A program command should be sent and
the next set of ACK pulses transmitted by the HCS410
should be used to determine the TE. A second program
command can then be sent, and the device pro-
grammed using the TE just calibrated.
Note:
If the configuration word is written, the
device must be reset to allow the new con-
figuration settings to come into effect.
40158F.book Page 15 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com