| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP79401 bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79401 bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 38 page ![]() 2011 Microchip Technology Inc. DS25009A-page 19 MCP7940X FIGURE 5-5: RANDOM READ (UNIQUE ID SHOWN) FIGURE 5-6: SEQUENTIAL READ (UNIQUE ID SHOWN) 5.3 Unique ID The MCP7940X features an additional 64-bit unique ID area. The unique ID is located at addresses 0xF0 through 0xF7. Reading the unique ID requires the user to simply address these bytes. The unique ID area is protected to prevent unintended writes to these locations. The unlock sequence is detailed in 4.2.1 “Unlock Sequence”. The unique ID can be factory programmed on some devices to provide a unique IEEE EUI-48 or EUI-64 value. In addition, customer-provided codes can also be programmed. BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY A C K N O A C K A C K A C K S T O P S T A R T CONTROL BYTE ADDRESS BYTE CONTROL BYTE DATA BYTE S T A R T S 1 010 0 111 S 10 10 1 P BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY CONTROL BYTE DATA n DATA n + 1 DATA n + 2 DATA n + X N O A C K A C K A C K A C K A C K S T O P P |