| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3901 bảng dữ liệu(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3901 bảng dữ liệu(HTML) 13 Page - Linear Technology |
|
13 / 26 page ![]() LT4430 13 4430fb APPLICATIONS INFORMATION Generate a bias supply for a forward converter using similar techniques to that of the flyback converter. Figure 3a to 3c detail the three common bias circuits for the synchronous single-switch forward converter. In the flyback converter of Figure 1d, the bias supply is proportional to VIN and • • VIN 4430 F03a T1 1:N VOUT COUT CG *OPTIONAL SEE TEXT L1 Q2 FG Q1 LT4430 VBIAS C1 R1* D1 4430 F03b • • T1 N1 N2 1:N N = N1 + N2 VOUT COUT CG *OPTIONAL SEE TEXT L1 Q2 LT4430 VBIAS C1 R1* D1 •• VIN FG Q1 • • VIN 4430 F03c T1 1:N VOUT LT4430 VBIAS COUT C1 R1* D1 C2 CG *OPTIONAL SEE TEXT L1 Q2 FG Q1 R3* R2 QBS Z1 Figure 3a. Typical Single-Switch Synchronous Forward Converter with Bias Generator Figure 3b. Single-Switch Synchronous Forward Converter with Tapped Secondary Bias Generator Figure 3c. Single-Switch Synchronous Forward Converter with Preregulator Bias Generator VOUT. However, in the forward converter, L1’s presence decouples the bias supply from VOUT. In Figure 3a, the bias supply equals (VIN • N – VF). In Figure 3b, the bias supply equals (VIN • N1/N – VF). In Figure 3c, the bias supply equals (VZ1 – VF). |