| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F562T7BDFH bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F562T7BDFH bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 94 page ![]() R01DS0096EJ0100 Rev.1.00 Page 10 of 92 Apr 20, 2011 RX62T Group 1. Overview 1.3 Block Diagram Figure 1.2 shows a block diagram. Figure 1.2 Block Diagram ROM RAM RX CPU DTC POR ICU Port 1 Port 2 Port 3 Port 4 Port 5 Port 6 Port 7 Port 8 Port 9 Port A Port B Port D Port E Clock generation circuit RIIC 10-bit A/D converter 12 channels RSPI IWDT SCI 3 channels MTU3 Port G CRC CAN (as an optional function) POE3 CMT 2 channels (unit 0) LIN Notes: 1. The installation of the 10-bit A/D converter and ports 1 to G is different depending on the package. 2. For details on the internal peripheral bus configuration, see section 12, Buses in the User's Manual: Hardware. 12-bit A/D converter 4 channels (unit 0) Programmable gain amps 3 channels Sample-and-hold circuits for the pin section 3 channels Window comparator 3 channels WDT Data flash LVD CAN: CAN module LIN: LIN module RSPI: Renesas serial peripheral interface LVD: Voltage detection circuit ICU: Interrupt control unit WDT: Watchdog timer IWDT: Independent watchdog timer CRC: CRC (cyclic redundancy check) calculator [Legend] POR: Power-on reset circuit DTC: Data transfer controller MTU3: Multi-function timer pulse unit 3 POE3: Port output enable 3 GPT: General PWM timer CMT: Compare match timer SCI: Serial communications interface RIIC: I 2C bus interface GPT 12-bit A/D converter 4 channels (unit 1) Programmable gain amps 3 channels Sample-and-hold circuits for the pin section 3 channels Window comparator 3 channels CMT 2 channels (unit 1) * 1 * 1 |