công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMDFB bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp

tên linh kiện R5F363AMDFB
Giải thích chi tiết về linh kiện  This MCU consumes low power, and supports operating modes
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMDFB bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp

Back Button R5F363AMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 22Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 23Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 24Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 25Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 26Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 27Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 119 page
background image
R01DS0033EJ0200 Rev.2.00
Page 24 of 115
Feb 07, 2011
M16C/63 Group
2. Central Processing Unit (CPU)
2.1
Data Registers (R0, R1, R2, and R3)
R0, R1, R2, and R3 are 16-bit registers used for transfer, arithmetic, and logic operations. R0 and R1 can
be split into upper (R0H/R1H) and lower (R0L/R1L) bits to be used separately as 8-bit data registers.
R0 can be combined with R2, and R3 can be combined with R1 and be used as 32-bit data registers
R2R0 and R3R1, respectively.
2.2
Address Registers (A0 and A1)
A0 and A1 are 16-bit registers used for indirect addressing, relative addressing, transfer, arithmetic, and
logic operations. A0 can be combined with A1 and used as a 32-bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register that is used for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB is a 20-bit register that indicates the start address of a relocatable interrupt vector table.
2.5
Program Counter (PC)
The PC is 20 bits wide and indicates the address of the next instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The USP and ISP stack pointers (SP) are each comprised of 16 bits. The U flag is used to switch between
USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register used for SB relative addressing.
2.8
Flag Register (FLG)
FLG is an 11-bit register that indicates the CPU state.
2.8.1
Carry Flag (C Flag)
The C flag retains a carry, borrow, or shift-out bit generated by the arithmetic/logic unit.
2.8.2
Debug Flag (D Flag)
The D flag is for debugging only. Set it to 0.
2.8.3
Zero Flag (Z Flag)
The Z flag becomes 1 when an arithmetic operation results in 0. Otherwise, it becomes 0.
2.8.4
Sign Flag (S Flag)
The S flag becomes 1 when an arithmetic operation results in a negative value. Otherwise, it becomes
0.
2.8.5
Register Bank Select Flag (B Flag)
Register bank 0 is selected when the B flag is 0. Register bank 1 is selected when this flag is 1.
2.8.6
Overflow Flag (O Flag)
The O flag becomes 1 when an arithmetic operation results in an overflow. Otherwise, it becomes 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com