công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMDFB bảng dữ liệu(PDF) 116 Page - Renesas Technology Corp

tên linh kiện R5F363AMDFB
Giải thích chi tiết về linh kiện  This MCU consumes low power, and supports operating modes
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMDFB bảng dữ liệu(HTML) 116 Page - Renesas Technology Corp

Back Button R5F363AMDFB Datasheet HTML 111Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 112Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 113Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 114Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 115Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 116Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 117Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 118Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 119Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 116 / 119 page
background image
A - 1
REVISION HISTORY
M16C/63 Group Datasheet
Rev.
Date
Description
Page
Summary
0.30
Jul 15, 2009
-
First Edition issued.
0.40
Aug 18, 2009
3
Table 1.2 “Specifications for the 100-Pin Package (2/2)” partially modified
6
Table 1.5 “Product List” partially modified
7
Figure 1.1 “Part No., with Memory Size and Package” partially modified
12
Figure 1.7 “Pin Assignment for the 100-Pin Package” added
13
Table 1.6 “Pin Names for the 100-Pin Package (1/2)” partially modified
14
Table 1.7 “Pin Names for the 100-Pin Package (2/2)” partially modified
107
Table 5.65 “External Clock Input (XIN Input)” partially modified
112
Appendix 1. “Package Dimensions” PTLG0100KA-A added
0.41
Aug 25, 2009
6
Table 1.5 “Product List” Part No. partially modified
7
Figure 1.3 “Marking Diagram (Top View) (2/2)” added
1.00
Sep 15, 2009
52
Table 5.6 “A/D Conversion Characteristics (1/2)” note 3 added
2.00
Feb 07, 2011
Overall
001Ah Voltage Detector Operation Enable Register: Changed reset value from “000X 0000b”.
Overall
002Ah Voltage Monitor 0 Control Register: Changed reset value from “1100 XX10b”.
Overall
002Bh Voltage Monitor 1 Control Register: Changed reset value from “1000 1X10b”.
Overall
0324h Increment/Decrement Flag: Changed name from Up/Down Flag.
Overall
03DCh D/A Control Register: Changed reset value from “XXXX XX00b”.
Overall
D08Ah to D08Bh PMC0 Counter Value Register: Deleted.
Overall
D09Eh to D09Fh PMC1 Counter Value Register: Deleted.
Overview
3, 5
Table 1.2 and Table 1.4 Specifications for the 100/80-Pin Package: Deleted note 1.
6
Table 1.5 Product List: Changed the development status.
18
Table 1.10 Pin Functions for the 100-Pin Package (1/3):
Changed the descriptions of the
HOLD pin.
Address Space
27
Figure 3.2 Memory Map: Added note 1 and 3 to the reserved areas.
Special Function Registers (SFRs)
29
Table 4.1 SFR Information (1):
• Deleted “the VCR1 register, the VCR2 register” from note 2.
• Deleted notes 5 to 6 and added note 5.
30
Table 4.2 SFR Information (2): Deleted notes 2 to 7 and added note 2.
47
4.2.1 Register Settings: Added the description regarding read-modify-write instructions.
48
Table 4.20 Read-Modify-Write Instructions: Added.
Electrical Characteristics
49
Table 5.1 Absolute Maximum Ratings:
Divide a row for Topr (Flash program erase) into Program area and Data area.
50
Table 5.2 Recommended Operating Conditions (1/4):
Added rows for the CEC value to VCC1, VIH, and VIL.
56
Table 5.9 CPU Clock When Operating Flash Memory (f(BCLK)): Added note 3.
56
Table 5.10 Flash Memory (Program ROM 1, 2) Electrical Characteristics:
Added a condition to the Read voltage row.
59
Table 5.15 Power-On Reset Circuit:
• Changed the maximum value for Vpor1 from 0.1.
• Added the tw(por) row.
• Added the last line in note 1.
59
Figure 5.4 Power-On Reset Circuit Electrical Characteristics: Deleted note 2.
61
Table 5.17 40 MHz On-Chip Oscillator Electrical Characteristics: Deleted note 1.
63
Table 5.20 Electrical Characteristics (2): Added “ZP, IDU, IDV, IDW” to the VT+ - VT- row.
70, 91, 113
5.2.2.7, 5.3.2.7, and 5.4.2.7 Multi-master I2C-bus: Added.
71
Table 5.35 Memory Expansion Mode and Microprocessor Mode:
Changed
RDY input setup time from 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com