công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52106ADFN bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện R5F52106ADFN
Giải thích chi tiết về linh kiện  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52106ADFN bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button R5F52106ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 9Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 10Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 11Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 12Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 13Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 14Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 11 of 90
Apr 15, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Serial
communications
interface (SCId)
 Asynchronous mode/clock synchronous mode
SCK12
I/O
Input/output pin for the clock signal
RXD12
Input
Input pin for received data
TXD12
Output
Output pin for transmitted data
CTS12#
Input
Input pin for controlling the start of transmission and reception
RTS12#
Output
Output pin for controlling the start of transmission and reception
 Simple I2C mode
SSCL12
I/O
Input/output pin for the I2C clock
SSDA12
I/O
Input/output pin for the I2C data
 Simple SPI mode
SCK12
I/O
Input/output pin for the clock
SMISO12
I/O
Input/output pin for slave transmit data
SMOSI12
I/O
Input/output pin for master transmit data
SS12#
Input
Chip-select input pin
 Extended serial mode
RXDX12
Input
Input pin for data reception by SCId
TXDX12
Output
Output pin for data transmission by SCId
SIOX12
I/O
Input/output pin for data reception or transmission by SCId
I2C bus interface
(RIIC)
SCL
I/O
Input/output pin for I2C bus interface clocks. Bus can be directly
driven by the NMOS open drain output.
SDA
I/O
Input/output pin for I2C bus interface data. Bus can be directly
driven by the NMOS open drain output.
Serial peripheral
interface (RSPI)
RSPCKA
I/O
Clock input/output pin for the RSPI.
MOSIA
I/O
Input or output data output from the master for the RSPI.
MISOA
I/O
Input or output data output from the slave for the RSPI.
SSLA0
I/O
Input/output pin to select the slave for the RSPI.
SSLA1 to SSLA3
Output
Output pins to select the slave for the RSPI.
12-bit A/D converter
AN000 to AN015
Input
Input pin for the analog signals to be processed by the A/D
converter.
ADTRG0#
Input
Input pin for the external trigger signals that start the A/D
conversion.
D/A converter
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A
converter.
Comparator A
CMPA1
Input
Input pin for the comparator A1 analog signals.
CMPA2
Input
Input pin for the comparator A2 analog signals.
CVREFA
Input
Input pin for the comparator reference voltage.
Comparator B
CMPB0
Input
Input pin for the comparator B0 analog signals.
CVREFB0
Input
Input pin for the comparator B0 reference voltage.
CMPB1
Input
Input pin for the comparator B1 analog signals.
CVREFB1
Input
Input pin for the comparator B1 reference voltage.
Table 1.4
Pin Functions (3 / 4)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92