| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F562T6ADFF bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F562T6ADFF bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp |
|
29 / 94 page ![]() R01DS0096EJ0100 Rev.1.00 Page 29 of 92 Apr 20, 2011 RX62T Group 1. Overview Note: • Which pins are and are not incorporated depends on the package. For details, see the list of pins and pin functions in Table 1.4 to Table 1.7. I/O ports P10, P11 I/O 2-bit input/output pins. P20 to P24 I/O 5-bit input/output pins. The P20/P21 pin is not included in the 64-pin version. P30 to P33 I/O 4-bit input/output pins. P40 to P47 Input 8-bit input pins. P50 to P55 Input 6-bit input pins. Not included in the 80-/64-pin versions. P60 to P65 Input 6-bit input pins. The P64/P6 pin is not included in the 80-pin version. Not included in the 64-pin version. P70 to P76 I/O 7-bit input/output pins. P80 to P82 I/O 3-bit input/output pins. Not included in the 80-/64-pin versions. P90 to P96 I/O 7-bit input/output pins. The P90 pin is not included in the 80-pin version. The P90/P95/P96 pin is not included in the 64-pin version. PA0 to PA5 I/O 6-bit input/output pins. The PA0/PA1 pin is not included in the 80-/64-pin versions. PB0 to PB7 I/O 8-bit input/output pins. PD0 to PD7 I/O 8-bit input/output pins. The PD0/PD1/PD2 pin is not included in the 80-/64-pin versions. PE0, PE1, PE3 to PE5 I/O 5-bit input/output pins. The PE1/PE5 pin is not included in the 80-pin version. Not included in the 64-pin version. PE2 Input 1-bit input pin. PG0 to PG5 I/O 6-bit input/output pins. Not included in the 100-/80-/64-pin versions. Table 1.8 Pin Functions (4 / 4) Classifications Pin Name I/O Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |