| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F363AMNFA bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F363AMNFA bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 119 page ![]() R01DS0033EJ0200 Rev.2.00 Page 21 of 115 Feb 07, 2011 M16C/63 Group 1. Overview Note: 1. Contact the manufacturer of crystal/ceramic resonator regarding oscillation characteristics. Table 1.13 Pin Functions for the 80-Pin Package (1/2) Signal Name Pin Name I/O Power Supply Description Power supply input VCC1, VSS I - Apply 1.8 to 5.5 V to the VCC1 pin and 0 V to the VSS pin. Analog power supply input AVCC, AVSS I VCC1 This is the power supply for the A/D and D/A converters. Connect the AVCC pin to VCC1, and connect the AVSS pin to VSS. Reset input RESET I VCC1 Driving this pin low resets the MCU. CNVSS CNVSS I VCC1 Input pin to switch processor modes. After a reset, to start operating in single-chip mode, connect the CNVSS pin to VSS via a resistor. Main clock input XIN I VCC1 I/O pins for the main clock oscillator. Connect a ceramic resonator or crystal between pins XIN and XOUT. (1) Input an external clock to XIN pin and leave XOUT pin open. Main clock output XOUT O VCC1 Sub clock input XCIN I VCC1 I/O pins for a sub clock oscillator. Connect a crystal between XCIN pin and XCOUT pin. (1) Input an external clock to XCIN pin and leave XCOUT pin open. Sub clock output XCOUT O VCC1 Clock output CLKOUT O VCC1 Outputs a clock with the same frequency as fC, f1, f8, or f32. INT interrupt input INT0 to INT2 I VCC1 Input for the INT interrupt. INT6, INT7 I VCC1 NMI interrupt input NMI I VCC1 Input for the NMI interrupt. Key input interrupt input KI0 to KI7 I VCC1 Input for the key input interrupt. Timer A TA0OUT, TA3OUT, TA4OUT I/O VCC1 I/O for timers A0, A3, and A4 (TA0OUT is N-channel open drain output). TA0IN, TA3IN, TA4IN I VCC1 Input for timers A0, A3, and A4. ZP I VCC1 Input for Z-phase. Timer B TB0IN, TB2IN to TB5IN I VCC1 Input for timers B0, and B2 to B5. Real-time clock output TRHO O VCC1 Output for the real-time clock. PWM output PWM0, PWM1 O VCC1 PWM output. Remote control signal receiver input PMC0 I VCC1 Input for the remote control signal receiver. |