công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMNFB bảng dữ liệu(PDF) 89 Page - Renesas Technology Corp

tên linh kiện R5F364AMNFB
Giải thích chi tiết về linh kiện  This MCU consumes low power, and supports operating modes
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMNFB bảng dữ liệu(HTML) 89 Page - Renesas Technology Corp

Back Button R5F364AMNFB Datasheet HTML 84Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 85Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 86Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 87Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 88Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 89Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 90Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 91Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 92Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
A - 1
REVISION HISTORY
M16C/64A Group Datasheet
Rev.
Date
Description
Page
Summary
1.01
Feb 03, 2009
-
First Edition issued.
1.10
Jul 15, 2009
-
Watchdog Timer Reset Register
→ Watchdog Timer Refresh Register
3
Table 1.2 Specifications for the 100-Pin Package (2/2) partially modified
4
Table 1.3 Product List partially modified
5
Figure 1.2 Marking Diagram (Top View) partially modified
18
Figure 3.2 Memory Map 13800h
→ 13000h
20
Table 4.1 “SFR Information (1/16)” reset value in VCR1 modified
21
Table 4.2 “SFR Information (2/16)” partially modified
29
Table 4.10 “SFR Information (10/16)” reset value in S11 modified
37
Table 5.1 Absolute Maximum Ratings partially modified
38
Table 5.2 Recommended Operating Conditions (1/3) partially modified
39
Table 5.3 Recommended Operating Conditions (2/3) partially modified
40
Table 5.4 Recommended Operating Conditions (3/3) added
40
Figure 5.1 Ripple Waveform added
41
Table 5.5 A/D Conversion Characteristics (1/2) partially modified
41
Figure 5.2 A/D Accuracy Measure Circuit added
42
Table 5.6 A/D Conversion Characteristics (2/2) partially modified
44
Table 5.8 CPU Clock When Operating Flash Memory (f(BCLK)) partially modified
44
Table 5.9 Flash Memory (Program ROM 1, 2) Electrical Characteristics notes modified
46
Table 5.11 Voltage Detector 0 Electrical Characteristics partially modified
46
Table 5.12 Voltage Detector 1 Electrical Characteristics partially modified
47
Table 5.13 Voltage Detector 2 Electrical Characteristics partially modified
47
Table 5.14 Power-On Reset Circuit partially modified
48
Figure 5.3 Power-On Reset Circuit Electrical Characteristics partially modified
50
Table 5.16 125 kHz On-Chip Oscillator Circuit Electrical Characteristics partially modified
53
Table 5.19 Electrical Characteristics (3) partially modified
54
Table 5.20 Electrical Characteristics (4) partially modified
55
5.2.2.1 Reset Input (
RESET Input) added
69
Table 5.37 Electrical Characteristics (1) partially modified
70
Table 5.38 Electrical Characteristics (2) partially modified
71
Table 5.39 Electrical Characteristics (3) partially modified
73
5.3.2.1 Reset Input (
RESET Input) added
Same modifications made to both 3 V and 5 V specifications.
2.00
Feb 07, 2011
Overall
001Ah Voltage Detector Operation Enable Register: Changed reset value from “000X
0000b”.
Overall
002Ah Voltage Monitor 0 Control Register: Changed reset value from “1100 XX10b”.
Overall
002Bh Voltage Monitor 1 Control Register: Changed reset value from “1000 1X10b”.
Overall
0324h Increment/Decrement Flag: Changed name from Up/Down Flag.
Overall
033Eh Timer B2 Special Mode Register: Changed reset value from “XX00 0000b”.
Overall
03A2h Open-Circuit Detection Assist Function Register: Changed reset value from “XXXX
XX00b”.
Overall
03DCh D/A Control Register: Changed reset value from “XXXX XX00b”.
Overall
D08Ah to D08Bh PMC0 Counter Value Register: Deleted.
Overall
D09Eh to D09Fh PMC1 Counter Value Register: Deleted.
Overall
Changed “high-speed clock mode” to “fast-mode”.
Overview
3
Table 1.2 Specifications for the 100-Pin Package (2/2): Deleted note 1.
4
Table 1.3 Product List: Added the new part numbers.
5
Figure 1.1 Part No., with Memory Size and Package: Added “K” to the Memory capacity.
11
Table 1.6 Pin Functions for the 100-Pin Package (1/3): Changed the description of
HOLD
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com