| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP41B-BFS bảng dữ liệu(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CP41B-BFS bảng dữ liệu(HTML) 4 Page - Cree, Inc |
|
4 / 8 page ![]() 4 CLD-CT868.001 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree LED are registered trademarks of Cree, Inc. Order Code Table* Color Kit Number Viewing Angle Luminous Flux (mlm) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Blue CP41B-BFS-CF0H0354 70 1650 3300 B3 460 B5 475 Blue CP41B-BFS-CF0H0454 70 1650 3300 B4 465 B5 475 Blue CP41B-BFS-CG0H0454 70 2200 3300 B4 465 B5 475 Color Kit Number Viewing Angle Luminous Flux (mlm) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green CP41B-GFS-CL0N0694 70 4400 8730 G6 515 G9 535 Green CP41B-GFS-CL0N0674 70 4400 8730 G6 515 G7 525 Green CP41B-GFS-CL0N0784 70 4400 8730 G7 520 G8 530 Green CP41B-GFS-CM0N0674 70 5500 8730 G6 515 G7 525 Green CP41B-GFS-CM0N0784 70 5500 8730 G7 520 G8 530 Notes: 1. The above kit numbers represent order codes which include multiple flux-bin and color-bin codes. Only one flux-bin code and one color-bin code will be shipped on each reel. And single flux-bin code,single color bin-codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |