| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KA431SAMF2 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
|
|||||||||||||||||||||||||||||
KA431SAMF2 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
|
2 / 10 page ![]() KA431S/KA431SA/KA431SL 2 Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified.) Note : 1. Thermal resistance test board Size: 76.2mm * 114.3mm * 1.6mm (1S0P) JEDEC Standard: JESD51-3, JESD51-7 2. Assume no ambient airflow. 3. TJMAX = 150 °C, Ratings apply to ambient temperature at 25°C 4. Power dissipation calculation: PD = (TJ - TA)/R θJA Recommended Operating Conditions Parameter Symbol Value Unit Cathode Voltage VKA 37 V Cathode Current Range (Continuous) IKA -100 ~ +150 mA Reference Input Current Range IREF -0.05 ~ +10 mA Thermal Resistance Junction-Air (Note1,2) MF Suffix Package R θJA 350 °C/W Power Dissipation (Note3,4) MF Suffix Package PD 350 mW Junction Temperature TJ 150 °C Operating Temperature Range TOPR -25 ~ +85 °C Storage Temperature Range TSTG -65 ~ +150 °C Parameter Symbol Min. Typ. Max. Unit Cathode Voltage VKA VREF -36 V Cathode Current IKA 1.0 - 100 mA |