công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXFN420N10T bảng dữ liệu(PDF) 2 Page - IXYS Corporation

tên linh kiện IXFN420N10T
Giải thích chi tiết về linh kiện  GigaMOS Trench HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN420N10T bảng dữ liệu(HTML) 2 Page - IXYS Corporation

  IXFN420N10T Datasheet HTML 1Page - IXYS Corporation IXFN420N10T Datasheet HTML 2Page - IXYS Corporation IXFN420N10T Datasheet HTML 3Page - IXYS Corporation IXFN420N10T Datasheet HTML 4Page - IXYS Corporation IXFN420N10T Datasheet HTML 5Page - IXYS Corporation IXFN420N10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN420N10T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
SOT-227B (IXFN) Outline
(M4 screws (4x) supplied)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
110
185
S
C
iss
47
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
4390
pF
C
rss
530
pF
R
Gi
Gate Input Resistance
1.46
Ω
t
d(on)
47
ns
t
r
155
ns
t
d(off)
115
ns
t
f
255
ns
Q
g(on)
670
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
170
nC
Q
gd
195
nC
R
thJC
0.14
°C/W
R
thCS
0.05
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
420
A
I
SM
Repetitive, Pulse Width Limited by T
JM
1680
A
V
SD
I
F = 60A, VGS = 0V, Note 1
1.2
V
t
rr
140 ns
Q
RM
0.38
μC
I
RM
7.00
A
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 100A
R
G = 1Ω (External)
I
F = 150A, VGS = 0V
-di/dt = 100A/
μs
V
R = 60V



Html Pages

1 2 3 4 5 6