| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3544G-S08-R bảng dữ liệu(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
3544G-S08-R bảng dữ liệu(HTML) 8 Page - Unisonic Technologies |
|
8 / 10 page ![]() 3544 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 8 of 10 www.unisonic.com.tw QW-R107-040,C TYPICAL CHARACTERISTICS Quiescent Current vs. Power Supply Voltage Pin DC Current vs. Power Supply Voltage 0 2 10 9 8 7 6 5 4 3 2 1 0 46 8 10 Supply Voltage, Vcc (V) Ta=25℃ RL=32Ω Supply Voltage, Vcc(V) 5 4 3 2 1 0 0 24 6 8 10 5 4 3 2 1 0 Ta=25℃ RL=32Ω MUTE: OFF MUTE: ON 2 6 8 4 0 10 -2 -4 -6 -8 -10 -12 100 1k 100k 10k Frequency, F(Hz) Voltage Gain vs. Frequency Ta=25℃ RL=32Ω Vcc=5V 0 0.4 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 0.8 1.2 1.6 2 Mute Control Voltage, VTM (V) Output Voltage vs. Mute Control Voltage Ta=25℃ RL=32Ω Vcc=5V VIN=0dBV f=1kHz 10 1 0.1 0.01 0.001 -40 -30 -20 10 -10 0 Output Voltage, VOUT (dBV) Total Harmonic Distortion vs. Output Voltage ( I ) Ta=25℃ RL=32Ω Vcc=5V f=10kHz f=1kHz f=100Hz 10 1 0.1 0.01 0.001 -40 -30 -20 10 -10 0 Total Harmonic Distortion vs. Output Voltage ( II ) f=10kHz f=1kHz f=100Hz Ta=25℃ RL=32Ω Vcc=3V Output Voltage, VOUT (dBV) |