| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2S4RBY bảng dữ liệu(PDF) 9 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
S2S4RBY bảng dữ liệu(HTML) 9 Page - Sharp Corporation |
|
9 / 15 page ![]() 9 S2S4 Series Sheet No.: D2-A06601EN ✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes. ● Standard Circuit (Medium/High Power Triac Drive Circuit) Triac Load S2S4 Note) Please add the snubber circuit according to a condition. Any snubber or varistor used for the above mentioned scenarios should be located as close to the main output triac as possible. 4 3 1 2 Zero Crossing Circuit AC Line |