công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S2S3RBY bảng dữ liệu(PDF) 10 Page - Sharp Corporation

tên linh kiện S2S3RBY
Giải thích chi tiết về linh kiện  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3RBY bảng dữ liệu(HTML) 10 Page - Sharp Corporation

Back Button S2S3RBY Datasheet HTML 6Page - Sharp Corporation S2S3RBY Datasheet HTML 7Page - Sharp Corporation S2S3RBY Datasheet HTML 8Page - Sharp Corporation S2S3RBY Datasheet HTML 9Page - Sharp Corporation S2S3RBY Datasheet HTML 10Page - Sharp Corporation S2S3RBY Datasheet HTML 11Page - Sharp Corporation S2S3RBY Datasheet HTML 12Page - Sharp Corporation S2S3RBY Datasheet HTML 13Page - Sharp Corporation S2S3RBY Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
S2S3 Series
Sheet No.: D2-A06501EN
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit (Medium/High Power Triac Drive Circuit)
Triac
AC Line
Load
S2S3
Note) Please add the snubber circuit according to a condition.
Any snubber or varistor used for the above mentioned scenarios should be located
as close to the main output triac as possible.
4
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16