| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2S3RY bảng dữ liệu(PDF) 12 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
S2S3RY bảng dữ liệu(HTML) 12 Page - Sharp Corporation |
|
12 / 16 page ![]() Solvent cleaning : Solvent temperature should be 45˚C or below. Immersion time should be 3minutes or less. Ultrasonic cleaning : The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of PCB and mounting method of the device. Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production. Recommended solvent materials : Ethyl alcohol, Methyl alcohol and Isopropyl alcohol. In case the other type of solvent materials are intended to be used, please make sure they work fine in actual using conditions since some materials may erode the packaging resin. ● Cleaning instructions This product shall not contain the following materials. And they are not used in the production process for this device. Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform) Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. ● Presence of ODC 12 S2S3 Series Sheet No.: D2-A06501EN |