| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC3003GMLTR bảng dữ liệu(PDF) 69 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003GMLTR bảng dữ liệu(HTML) 69 Page - Micrel Semiconductor |
|
69 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 69 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 OEM Configuration 4 (OEMCFG4) D[7] TXF_WRN read/write D[6] TXF_ALM read/write D[5] LAT_WRN read/write D[4] LAT_ALM read/write D[3] ISTART[3] read/write D[2] ISTART[2] read/write D[1] ISTART[1] read/write D[0] ISTART[0] read/write Default value 0000 0000b = 00h Serial address A6h Byte address 25 = 19h This register is non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for access to these registers. Bit(s) Function Operation D[7] TXF_WRN Allows warnings to assert TXFAULT 0: Warnings do not assert TXFAULT 1: Warnings assert TXFAULT The RXPWR low warning flag does not assert TXFAULT D[6] TXF_ALM Allows alarms to assert TXFAULT 0: Alarms do not assert TXFAULT 1: Alarms assert TXFAULT The RXPWR low alarm flag does not assert TXFAULT D[5] LAT_WRN Warning latch 0: Warnings flags are latched. They are cleared by reading the register or toggling TXDISABLE. 1: Warnings flags are not latched., i.e. they are set and reset with the warning condition. The flags are also cleared by reading the register or toggling TXDISABLE. D[4] LAT_ALM Alarm latch 0: Alarms flags are latched. They are cleared by reading the register or toggling TXDISABLE. 1: Alarms flags are not latched., i.e. they are set and reset with alarm condition. The flags are also cleared by reading the register or toggling TXDISABLE. D[3:0] ISTART[3:0] I START current level selection. I START current level selection: 0000 = No I START current 0001 - 1111 = 0.375 mA x I START[[3:0] I START is used to speed up the laser start-up after a fault occurs. The charging current of the compensation capacitor starts from I START instead of ramping up from 0. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |