công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA4AGSW1_V5 bảng dữ liệu(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MA4AGSW1_V5
Giải thích chi tiết về linh kiện  SPST Reflective AlGaAs PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1_V5 bảng dữ liệu(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
SPST Reflective AlGaAs PIN Diode Switch
Rev. V5
MA4AGSW1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
ASSEMBLY INSTRUCTIONS
CLEANLINESS
These chips should be handled in a clean environment.
STATIC SENSITIVITY
These Devices are considered ESD Class 0 HBM. Proper ESD techniques should be used when handling
these devices.
GENERAL HANDLING
The protective polymer coating on the active areas of the die provides scratch and impact protection,
particularly for the metal air bridge, which contacts the diode’s anode. Die should primarily be handled with
vacuum pickups, or alternatively with plastic tweezers.
ASSEMBLY TECHNIQUES
The MA4AGSW1, AlGaAs switch is designed to be mounted with electrically conductive silver epoxy or with a
lower temperature solder perform, which does not have a rich tin content.
SOLDER DIE ATTACH
All die attach and bonding methods should be compatible with gold metal. Solder which does not scavenge
gold, such as 80/20, Au/Sn or Indalloy #2 is recommended. Do not expose die to temperatures greater than
300°C for more than 10 seconds.
ELECTRICAL CONDUCTIVE EPOXY DIE ATTACH
Use a controlled thickness of approximately 2 mils for best electrical conductivity and lowest thermal
resistance. Cure epoxy per manufacturer
’s schedule. Typically 150°C for 1 hour.
RIBBON/WIRE BONDING
Thermo-compression wedge or ball bonding may be used to attach ribbons or wire to the gold bonding pads.
A 1/4 x 3 mil gold ribbon is recommended on all RF ports and should be kept as short as possible for the
lowest inductance and best microwave performance. For more detailed handling and assembly instructions,
see Application Note M541, “Bonding and Handling Procedures for Chip Diode Devices” at
www.macomtech.com.
Ordering Information
Part Number
Package
MA4AGSW1
Waffle Pack



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com