| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
660-072MCS bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
660-072MCS bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() C-15 C GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2010 Glenair, Inc. Printed in U.S.A. CAGE Codes 06324 www.glenair.com E-Mail: sales@glenair.com 660-072 and 660-073 MIL-PRF-28876 Typer Threaded Protective Covers Metric dimensions (mm) are indicated in parenthesis. TABLE V: SPLIT RING Dash No. L Dia +.015 (4.0) Dash No. L Dia +.015 (4.0) 50 .425 (10.8) 74 1.625 (41.3) 52 .485 (12.3) 76 1.750 (44.5) 54 .640 (16.3) 78 1.220 (31.0) 56 .750 (19.1) 80 1.980 (50.3) 58 .890 (22.6) 82 2.060 (52.3) 60 1.015 (25.8) 84 2.235 (56.8) 62 1.095 (27.8) 86 2.310 (58.7) 64 1.130 (28.7) 88 2.475 (62.9) 66 1.250 (31.8) 90 2.655 (67.4) 68 1.350 (34.3) 92 2.810 (71.4) 70 1.390 (35.3) 94 3.045 (77.3) 72 1.485 (37.7) TABLE VI: SOLID RING STYLE B Dash No. M Dia +.015 (4.0) Dash No. M Dia +.015 (4.0) 08 .468 (11.9) 24 1.484 (37.7) 10 .593 (15.1) 25 1.577 (40.1) 12 .718 (18.2) 27 1.640 (41.7) 13 .765 (19.4) 28 1.687 (42.8) 14 .844 (21.4) 29 1.765 (44.8) 15 .890 (22.6) 30 1.890 (48.0) 16 .968 (24.6) 31 1.953 (49.6) 17 1.015 (25.8) 32 1.968 (50.0) 18 1.093 (27.8) 33 2.077 (52.8) 19 1.140 (29.0) 35 2.140 (54.4) 20 1.203 (30.6) 36 2.187 (55.5) 21 1.265 (32.1) 40 2.406 (61.1) 22 1.343 (34.1) 44 2.656 967.5) 23 1.453 (36.9) 48 3.031 (77.0) TABLE VII: SOLID RING STYLE A Dash No. N Dia +.015 (4.0) Dash No. N Dia +.015 (4.0) 095 .312 (7.9) 109 1.266 (32.2) 100 .391 (9.9) 209 1.312 (33.3) 101 .516 (13.1) 110 1.391 (35.3_ 102 .583 (14.8) 210 1.391 (35.3) 103 .641 (16.3) 111 1.521 (38.6) 104 .708 (18.0) 211 1.536 (39.0) 105 .766 (19.5) 112 1.641 (41.7) 205 .788 (20.0) 113 1.766 (44.9) 106 .896 (22.8) 213 1.812 (46.0) 206 .907 (23.0) 114 1.891 (48.0) 107 1.016 (25.8) 214 1.938 (49.2) 207 1.025 (26.0) 115 2.078 (52.8) 108 1.141 (29.0) 116 2.406 (61.1) 308 1.188 (30.2) 117 2.510 (63.8) 208 1.203 (30.6) TABLE IV: EYELET Dash No. K Dia +.010 (3.6) 01 .140 (3.6) 02 .182 (4.6) 03 .191 (4.9) 04 .197 (5.0) 05 .167 (4.2) 06 .125 (3.2) 07 .218 (5.5) 09 .156 (4.0) 00 No Eyelet K Dia. (Table IV) K Dia. (Table IV) K Dia. (Table IV) ROPE (Types F, G, H, R, T, U) SASH CHAIN (Type S) BEAD CHAIN (Type D) SPLIT RING - Style C SOLID RING - Style B SOLID RING - Style A EYELET TABLE III: ATTACHMENT TYPE Sym Attachment Type D Bead Chain, Cres., Passivate F Wire Rope, Nylon Jacket G Nylon Rope H Wire Rope, Teflon Jacket N No Attachment R Wire Rope, PVC Jacket S #8 Sash Chain, Cres., Passivate T Wire Rope, No Jacket U Wire Rope, Polyurethane Jacket with Terminal L Dia M Dia N Dia |