công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C52 bảng dữ liệu(PDF) 47 Page - Cypress Semiconductor

tên linh kiện CY8C52
Giải thích chi tiết về linh kiện  Programmable System-on-Chip (PSoC짰)
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 bảng dữ liệu(HTML) 47 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 43Page - Cypress Semiconductor CY8C52 Datasheet HTML 44Page - Cypress Semiconductor CY8C52 Datasheet HTML 45Page - Cypress Semiconductor CY8C52 Datasheet HTML 46Page - Cypress Semiconductor CY8C52 Datasheet HTML 47Page - Cypress Semiconductor CY8C52 Datasheet HTML 48Page - Cypress Semiconductor CY8C52 Datasheet HTML 49Page - Cypress Semiconductor CY8C52 Datasheet HTML 50Page - Cypress Semiconductor CY8C52 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. **
Page 47 of 94
Figure 8-4. Analog Comparator
8.3.2 LUT
The CY8C52 family of devices contains two LUTs. The LUT is a
two input, one output lookup table that is driven by one or two of
the comparators in the chip. The output of any LUT is routed to
the digital system interface of the UDB array. From the digital
system interface of the UDB array, these signals can be
connected to UDBs, DMA controller, I/O, or the interrupt
controller. The LUT control word written to a register sets the
logic function on the output. The available LUT functions and the
associated control word is shown in Table 8-1
.
8.4 LCD Direct Drive
The PSoC LCD driver system is a highly configurable peripheral
designed to allow PSoC to directly drive a broad range of LCD
glass. All voltages are generated on chip, eliminating the need
for external components. With a high multiplex ratio of up to 1/16,
the CY8C52 family LCD driver system can drive a maximum of
736 segments. The PSoC LCD driver module was also designed
with the conservative power budget of portable devices in mind,
enabling different LCD drive modes and power down modes to
conserve power.
PSoC Creator provides an LCD segment drive component. The
component wizard provides easy and flexible configuration of
LCD resources. You can specify pins for segments and
commons along with other options. The software configures the
device to meet the required specifications. This is possible
because of the programmability inherent to PSoC devices.
Key features of the PSoC LCD segment system are:
LCD panel direct driving
Type A (standard) and Type B (low power) waveform support
Wide operating voltage range support (2 V to 5 V) for LCD
panels
Static, 1/2, 1/3, 1/4, 1/5 bias voltage levels
Internal bias voltage generation through internal resistor ladder
Up to 62 total common and segment outputs
Up to 1/16 multiplex for a maximum of 16 backplane/common
outputs
Up to 62 front plane/segment outputs for direct drive
Drives up to 736 total segments (16 backplane × 46 front plane)
Up to 64 levels of software controlled contrast
Ability to move display data from memory buffer to LCD driver
through DMA (without CPU intervention)
Adjustable LCD refresh rate from 10 Hz to 150 Hz
ANAIF
+
_
+
_
comp0
comp1
4
LUT0
LUT1
LUT2
LUT3
4
4
4
4
4
4
4
From
Analog
Routing
From
Analog
Routing
UDBs
Table 8-1. LUT Function vs. Program Word and Inputs
Control Word
Output (A and B are LUT inputs)
0000b
FALSE
(‘0’)
0001b
A
AND B
0010b
A
AND (NOT B)
0011b
A
0100b
(NOT A) AND B
0101b
B
0110b
A
XOR B
0111b
A
OR B
1000b
A
NOR B
1001b
A
XNOR B
1010b
NOT B
1011b
A
OR (NOT B)
1100b
NOT A
1101b
(NOT A) OR B
1110b
A
NAND B
1111b
TRUE
(‘1’)
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com