| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP7940NT bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP7940NT bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 36 page ![]() MCP7940N DS25010A-page 16 2011 Microchip Technology Inc. 5.2.2.3 Sequential Read Sequential reads are initiated in the same way as a random read except that after the MCP7940N transmits the first data byte, the master issues an Acknowledge as opposed to the Stop condition used in a random read. This Acknowledge directs the MCP7940N to transmit the next sequentially addressed 8-bit word (Figure 5-6). Following the final byte transmitted to the master, the master will NOT generate an Acknowledge but will generate a Stop condition. To provide sequential reads, the MCP7940N contains an internal Address Pointer which is incremented by one at the completion of each operation. This Address Pointer allows the entire memory contents to be serially read during one operation. The internal Address Pointer will automat- ically roll over to the start of the Block. FIGURE 5-5: RANDOM READ FIGURE 5-6: SEQUENTIAL READ BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY A C K N O A C K A C K A C K S T O P S T A R T CONTROL BYTE ADDRESS BYTE CONTROL BYTE DATA BYTE S T A R T S 1 101 0 111 S 10 10 1 P BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY CONTROL BYTE DATA n DATA n + 1 DATA n + 2 DATA n + X N O A C K A C K A C K A C K A C K S T O P P |