| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTM4603 bảng dữ liệu(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM4603 bảng dữ liệu(HTML) 23 Page - Linear Technology |
|
23 / 24 page ![]() LTM4600 23 4600fc Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights. PIN NAME G1 PGND H7 H9 H11 H13 H15 H17 PGND PGND PGND PGND PGND PGND J1 PGND K7 K9 K11 K13 K15 K17 PGND PGND PGND PGND PGND PGND L2 L4 L6 L8 L10 L12 L14 L16 L18 L20 L22 PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND M2 M4 M6 M8 M10 M12 M14 M16 M18 M20 M22 PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND N2 N4 N6 N8 N10 N12 N14 N16 N18 N20 N22 PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PIN NAME P2 P4 P6 P8 P10 P12 P14 P16 P18 P20 P22 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT R2 R4 R6 R8 R10 R12 R14 R16 R18 R20 R22 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT T2 T4 T6 T8 T10 T12 T14 T16 T18 T20 T22 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT PIN NAME A3 A5 A7 A9 A11 A13 VIN VIN VIN VIN VIN VIN B1 VIN C10 C12 C14 VIN VIN VIN D1 VIN E10 E12 E14 VIN VIN VIN F1 VIN PIN NAME A15 fADJ A17 SVIN A19 EXTVCC A21 VOSET B23 COMP D23 SGND F23 RUN/SS G23 FCB J23 PGOOD Pin Assignment Tables (Arranged by Pin Number) PACKAGE DESCRIPTION |