| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP3301T bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3301T bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 38 page ![]() MCP3301 DS21700D-page 26 2011 Microchip Technology Inc. 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXX XXXXNNN YYWW 8-Lead PDIP (300 mil) Example : 8-Lead SOIC (150 mil) Example : XXXXXXXX XXXXYYWW 3301-B I/P 256 1112 3301-BI 256 8-Lead MSOP Example : XXXXXX YWWNNN 3301CI 112256 NNN 3 e SN 1112 3 e |