| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT1382 bảng dữ liệu(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1382 bảng dữ liệu(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 29 page ![]() Block Diagram Note: IFS pin is used for selecting I 2C interface or 3-wire interface. I 2C interface is selected when IFS is unconnected. 3-wire interface is selected when IFS is connected to VSS. Pin Assignment Rev. 1.20 2 March 8, 2011 HT1382 I2C/3-Wire Real Time Clock X 1 X 2 V B A T V S S V D D I R Q / F O U T S C L S D A H T 1 3 8 2 8 D I P - A / S O P - A / M S O P - A X 1 X 2 V B A T C E V S S H T 1 3 8 2 1 0 M S O P - A 1 0 9 8 7 6 1 2 3 4 5 V D D I R Q / F O U T S C L K I / O N C I C I n t e r f a c e 2 3 - W i r e I n t e r f a c e 1 2 3 4 8 7 6 5 Crystal Oscillator X1 X2 /FOUT IRQ Control & Status Register Alarm Register RTC Register Oscillator Compensation SCL/SCLK I 2Cor3-wire Interface Divider Circuit SDA/I/O IFS VSS DT & USER EEPROM CE VBAT VDD Internal power supply VCOMP Switch |