| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT82B40A bảng dữ liệu(PDF) 34 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82B40A bảng dữ liệu(HTML) 34 Page - Holtek Semiconductor Inc |
|
34 / 58 page ![]() HT82B40R/HT82B40A Rev. 1.50 34 February 17, 2011 Table High Byte Pointer for Current Table Read TBHP (Address 0X1F) Register Bits Read/Write Functions TBHP (0X1F) 3~0 R/W Store current table read bit11~bit8 data Configuration Options No. Options 1 PA0~7 Pull-high by bit (default Pull-high) 2 PB, PC, PD wake-up by nibble (default Pull-high) 3 PB, PC, PD Pull-high by nibble (default Pull-high) 4 LVR enable/disable (default enable) 5 WDT function: enable, disable for normal mode (default enable) 6 WDT clock source: RC; fSYS/4 (default T1) 7 CLRWDT instruction is by 1 or 2 8 PA output mode (CMOS/NMOS/PMOS) by bit (default CMOS) 9 PA0~7 wake-up by bit, (default enable) 10 TBHP enable /disable (default disable) 11 PE0, PE1 Pull-high by bit 12 PE0, PE1 wake-up by bit 13 PB0~7 VDD :5V (default) 14 PB0~7 VDD :V33O V33O regulator output |