| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1526 bảng dữ liệu(PDF) 191 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1526 bảng dữ liệu(HTML) 191 Page - Microchip Technology |
|
191 / 354 page ![]() 2011 Microchip Technology Inc. Preliminary DS41458A-page 191 PIC16(L)F1526/27 TABLE 20-5: SUMMARY OF REGISTERS ASSOCIATED WITH COMPARE (CONTINUED) Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page T5GCON TMR5GE T5GPOL T5GTM T5GSPM T5GGO/DONE T5GVAL T5GSS<1:0> 177 TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register 172* TMR3L Holding Register for the Least Significant Byte of the 16-bit TMR3 Register 172* TMR6L Holding Register for the Least Significant Byte of the 16-bit TMR6 Register 172* TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register 172* TMR3H Holding Register for the Most Significant Byte of the 16-bit TMR3 Register 172* TMR6H Holding Register for the Most Significant Byte of the 16-bit TMR6 Register 172* TRISA TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 120 Legend: — = Unimplemented location, read as ‘0’. Shaded cells are not used by Compare mode. * Page provides register information. |