công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73223 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP73223
Giải thích chi tiết về linh kiện  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP73223 Datasheet HTML 2Page - Microchip Technology MCP73223 Datasheet HTML 3Page - Microchip Technology MCP73223 Datasheet HTML 4Page - Microchip Technology MCP73223 Datasheet HTML 5Page - Microchip Technology MCP73223 Datasheet HTML 6Page - Microchip Technology MCP73223 Datasheet HTML 7Page - Microchip Technology MCP73223 Datasheet HTML 8Page - Microchip Technology MCP73223 Datasheet HTML 9Page - Microchip Technology MCP73223 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP73123/223
DS22191C-page 6
 2011 Microchip Technology Inc.
Supply Ripple Attenuation
PSRR
—
-46
—
dB
IOUT = 20 mA, 10 Hz to 1 kHz
—-30
—
dB
IOUT = 20 mA, 10 Hz to 10 kHz
Battery Short Protection
BSP Start Threshold
VSHORT
—
1.45
—
V
MCP73123
BSP Start Threshold
VSHORT
—
2.90
—
V
MCP73223
BSP Hysteresis
VBSPHYS
—
150
—
mV
BSP Regulation Current
ISHORT
—25
—
mA
Current Regulation (Fast Charge, Constant-Current Mode)
Fast Charge Current
Regulation
IREG
130
—
1100
mA
TA=-5°C to +55°C
117
130
143
mA
PROG = 10 k
900
1000
1100
mA
PROG = 1.1 k

Preconditioning Current Regulation (Trickle Charge Constant Current Mode)
Precondition Current Ratio
IPREG//IREG
—10
—
%
PROG = 1 k
to 10 k
TA=-5°C to +55°C
—
100
—
%
No Preconditioning
Precondition Voltage
Threshold Ratio
VPTH
VPTH
1.9
2.0
2.1
V
MCP73123, VBAT Low-to-High
3.8
4.0
4.2
V
MCP73223, VBAT Low-to-High
Precondition Hysteresis
VPHYS
—
100
—
mV
VBAT High-to-Low (Note 1)
Charge Termination
Charge Termination
Current Ratio
ITERM/IREG
3.7
5
6.3
%
PROG = 1 k
to 10 k
TA=-5°C to +55°C
5.6
7.5
9.4
7.5
10
12.5
15
20
25
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH/VREG
93
95
97
%
VBAT High-to-Low
No Automatic Recharge
—0
—
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—
350
—
m
VDD = 4.5V, TJ = 105°C (Note 1)
Status Indicator - STAT
Sink Current
ISINK
—20
35
mA
Low Output Voltage
VOL
—0.2
0.5
V
ISINK = 4 mA
Input Leakage Current
ILK
—
0.001
1
A
High Impedance, VDD on pin
PROG Input
Charge Impedance Range
RPROG
1—
21
k
Shutdown Impedance
RPROG
—
200
—
k
Impedance for Shutdown
PROG Voltage Range
VPROG
0—
5
V
Automatic Power Down
Automatic Power Down
Entry Threshold
VPDENTRY
VBAT +
10 mV
VBAT +
50 mV
—V
VDD Falling
Automatic Power Down
Exit Threshold
VPDEXIT
—VBAT +
150 mV
VBAT +
250 mV
VVDD Rising
Thermal Shutdown
Die Temperature
TSD
—
150
—
C
Die Temperature
Hysteresis
TSDHYS
—10
—
C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typical) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com