công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY24272ZXC bảng dữ liệu(PDF) 9 Page - Cypress Semiconductor

tên linh kiện CY24272ZXC
Giải thích chi tiết về linh kiện  Rambus XDR??Clock Generator with Zero SDA Hold Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24272ZXC bảng dữ liệu(HTML) 9 Page - Cypress Semiconductor

Back Button CY24272ZXC Datasheet HTML 5Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 6Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 7Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 8Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 9Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 10Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 11Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 12Page - Cypress Semiconductor CY24272ZXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY24272
Document Number: 001-42414 Rev. *A
Page 9 of 16
AC Operating Conditions
The AC operating conditions follow.[9]
Parameter
Description
Condition
Min
Max
Unit
tCYCLE,IN
REFCLK, REFCLKB input cycle time
REFSEL = 0, /BYPASS = High
9
11
ns
REFSEL = 1, /BYPASS = High
7
8
ns
/BYPASS = Low
4
–
ns
tJIT,IN(cc)
Input Cycle to Cycle Jitter[10]
–185
ps
tDCIN[11]
Input Duty Cycle
Over 10,000 cycles
40%
60%
tCYCLE
tRIN / tFIN
Rise and Fall Times
Measured at 20%–80% of input
voltage for REFCLK and
REFCLKB inputs
175
700
ps
tRIN / tFIN
Rise and Fall Times Difference
–
150
ps
pMIN[12]
Modulation Index for triangular modulation
–
0.6
%
Modulation Index for non-triangular modulation
–
0.5[13]
%
fMIN[12]
Input Frequency Modulation
30
33
kHz
tSR,IN
Input Slew Rate (measured at 20%–80% of
input voltage) for REFCLK
14
V/ns
CIN,REF
Capacitance at REFCLK inputs
–
7
pF
CIN,CMOS
Capacitance at CMOS inputs
–
10
pF
fSCL
SMBus clock frequency input in SCL pin
DC
100
kHz
DC Electrical Specifications
Parameter
Description
Min
Typ
Max
Unit
VOX[9]
Differential output crossing point voltage[14]
–1.08
–
V
VCOS[9]
Output voltage swing (peak-to-peak single-ended)[15]
–400
–
mV
VOL,ABS
Absolute output low voltage at CLK[3:0], CLK[3:0]B[16]
0.85
–
–
V
VISET
Reference voltage for swing controlled current, IREF
0.98
1.0
1.02
V
IDD[17]
Power Supply Current at 2.625V, fref = 100 MHz, and fout = 300 MHz
–
–
85
mA
IDD[17]
Power Supply Current at 2.625V, fref = 133 MHz, and fout = 667 MHz
–
–
125
mA
IOL/IREF
Ratio of output low current to reference current[18]
6.8
7.0
7.2
IOL,ABS
Minimum current at VOL,ABS[19]
25
–
–
mA
VOL,SDA
SDA output low voltage at test condition of SDA output low current = 4 mA
–
–
0.4
V
IOL,SDA
SDA output low voltage at test condition of SDA voltage = 0.8 V
6
–
–
mA
IOZ
Current during High Z per pin at CLK[3:0], CLK[3:0]B
–
–
10
A
ZOUT
Output dynamic impedance when clock output signal is at VOL = 0.9 V[20]
1000
–
–
Notes
9. Not 100% tested except VIXCLK and VIXCLK. Parameters guaranteed by design and characterizations, not 100% tested in production.
10. Jitter measured at crossing points and is the absolute value of the worst case deviation.
11. Measured at crossing points.
12. If input modulation is used; input modulation is allowed but not required.
13. The amount of allowed spreading for any non-triangular modulation is determined by the induced downstream tracking skew that cannot exceed the skew generated
by the specified 0.6% triangular modulation. Typically, the amount of allowed non-triangular modulation is about 0.5%.
14. VOX is measured on external divider network.
15. VCOS = (clock output high voltage – clock output low voltage), measured on the external divider network.
16. VOL_ABS is measured at the clock output pins of the package.
17. This range of SCL and SDA input high voltage enables the CY24272 for use with 3.3 V, 2.5 V, or 1.8 V SMBus voltages.
18. IREF is equal to VISET/RRC.
19. Minimum IOL,ABS is measured at the clock output pin with RRC = 266 ohms or less.
20. ZOUT is defined at the output pins as (0.94 V – 0.90 V)/(I0.94 – I0.90) under conditions specified for IOL, ABS.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com