| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NJW1328 bảng dữ liệu(PDF) 7 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJW1328 bảng dữ liệu(HTML) 7 Page - New Japan Radio |
|
7 / 19 page ![]() NJW1328 -7 - ! ! ! ! DEFINTION OF I 2C REGISTER You can send and transmit address by I 2C REGISTER with SDA input and SCL input. • I2C BUS FORMAT MSB LSB MSB LSB MSB LSB S Slave Address A Select Address A Data A P 1bit 8bit 1bit 8bit 1bit 8bit 1bit 1bit S: Starting term A: Acknowledge bit P: Ending term • SLAVE ADDRESS Slave Address Hex MSB LSB - 1 0 0 1 0 1 1 0 96(h) NJW1328 is not suitable for read mode. ••••CONTROL REGISTER TABLE The auto increment function cycles the select address as follows. 00H → 01H → 00H BIT No. D7 D6 D5 D4 D3 D2 D1 D0 00H VOUT1,2 Select VOUT3 Select VOUT1,2 Gain VOUT3 Gain 01H VOUT1 Mute VOUT2 Mute VOUT3 Mute YOUT/PBOUT/ PROUT Select YOUT1/ PBOUT1/ PROUT1 Mute YOUT2/ PBOUT2/ PROUT2 Mute Power Save ! ! ! ! CONTROL REGISTER INITIAL VALUE BIT No. D7 D6 D5 D4 D3 D2 D1 D0 00H 0 0 0 0 0 0 0 0 01H 0 0 0 0 0 0 0 0 |