| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NJW1326 bảng dữ liệu(PDF) 7 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJW1326 bảng dữ liệu(HTML) 7 Page - New Japan Radio |
|
7 / 16 page ![]() Ver.1 NJW1326 -7 - DEFINTION OF I 2C RESISTOR You can send and transmit address by I 2C RESISTOR with SDA input and SCA input. •I2C BUS FORMAT MSB LSB MSB LSB MSB LSB S Slave Address A Select Address A Data A P 1bit 8bit 1bit 8bit 1bit 8bit 1bit 1bit S: Starting term A: Acknowledge bit P: Ending term •SLAVE ADDRESS Slave Address Hex MSB LSB - 1 0 0 1 0 1 1 R/W - R/W = 0: write mode - 1 0 0 1 0 1 1 0 96(h) R/W = 1 NJW1326 is not suitable for read mode. ••••WRITE MODE The auto increment function cycles the select address as follows. 00H → 01H → 02H → 00H BIT No. D7 D6 D5 D4 D3 D2 D1 D0 00H VOUT Select VOUT1 Mute VOUT2 Mute VOUT3 Mute VOUT Gain - 01H SYOUT/SCOUT Select SYOUT1/ SCOUT1 Mute SYOUT2/ SCOUT2 Mute SYOUT3/ SCOUT3 Mute SYOUT/ SCOUT Gain - 02H YOUT/PBOUT/ PROUT Select YOUT1/ PBOUT1/ PROUT1 Mute YOUT2/ PBOUT2/ PROUT2 Mute YOUT3/ PBOUT3/ PROUT3 Mute Power Save - - CONTROL REGISTER TABLE BIT No. D7 D6 D5 D4 D3 D2 D1 D0 00H 0 0 0 0 0 0 0 0 01H 0 0 0 0 0 0 0 0 02H 0 0 0 0 0 0 0 0 |