công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY2305SC-1HT bảng dữ liệu(PDF) 7 Page - Cypress Semiconductor

tên linh kiện CY2305SC-1HT
Giải thích chi tiết về linh kiện  Low Cost 3.3-V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SC-1HT bảng dữ liệu(HTML) 7 Page - Cypress Semiconductor

Back Button CY2305SC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 9Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 10Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY2305, CY2309
Document Number : 38-07140 Rev. *M
Page 7 of 19
Electrical Characteristics for CY2305SI-XX and CY2309SI-XX Industrial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW voltage[10]
–0.8
V
VIH
Input HIGH voltage[10]
2.0
–
V
IIL
Input LOW current
VIN = 0 V
–
50.0
μA
IIH
Input HIGH current
VIN = VDD
–
100.0
μA
VOL
Output LOW voltage[11]
IOL = 8 mA (–1)
IOH =12 mA (–1H)
–0.4
V
VOH
Output HIGH voltage[11]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
–
V
IDD (PD mode) Power-down supply
current
REF = 0 MHz
–
25.0
μA
IDD
Supply current
Unloaded outputs at 66.67 MHz, SEL inputs at VSS
–35.0
mA
Switching Characteristics for CY2305SI-1 and CY2309SI-1 Industrial Temperature Devices
Parameter[12]
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output frequency
30 pF load
10 pF load
10
10
–100
133.33
MHz
MHz
tDC
Duty cycle[11] = t2 ÷ t1
Measured at 1.4 V, Fout = 66.67 MHz
40.0
50.0
60.0
%
t3
Rise time[11]
Measured between 0.8 V and 2.0 V
–
–
2.50
ns
t4
Fall time[11]
Measured between 0.8 V and 2.0 V
–
–
2.50
ns
t5
Output-to-output skew[11] All outputs equally loaded
–
85
250
ps
t6A
Delay, REF rising edge to
CLKOUT rising edge[11]
Measured at VDD/2
–
–
±350
ps
t6B
Delay, REF rising edge to
CLKOUT rising edge[11]
Measured at VDD/2. Measured in PLL Bypass Mode,
CY2309 device only.
15
8.7
ns
t7
Device-to-device skew[11] Measured at VDD/2 on the CLKOUT pins of devices
–
–
700
ps
tJ
Cycle-to-cycle jitter[11]
Measured at 66.67 MHz, loaded outputs
–
70
200
ps
tLOCK
PLL lock time[11]
Stable power supply, valid clock presented on REF
pin
––
1.0
ms
Notes
10. REF input has a threshold voltage of VDD/2.
11. Parameter is guaranteed by design and characterization. Not 100% tested in production.
12. All parameters specified with loaded outputs
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com