công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC7574 bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LC7574
Giải thích chi tiết về linh kiện  1/2 Duty VFD Driver with Key Input Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LC7574 Datasheet HTML 1Page - Sanyo Semicon Device LC7574 Datasheet HTML 2Page - Sanyo Semicon Device LC7574 Datasheet HTML 3Page - Sanyo Semicon Device LC7574 Datasheet HTML 4Page - Sanyo Semicon Device LC7574 Datasheet HTML 5Page - Sanyo Semicon Device LC7574 Datasheet HTML 6Page - Sanyo Semicon Device LC7574 Datasheet HTML 7Page - Sanyo Semicon Device LC7574 Datasheet HTML 8Page - Sanyo Semicon Device LC7574 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
• When stopped with CL at the low level
No. 6142-3/18
LC75742E, LC75742W
• When stopped with CL at the high level
Figure 1
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
High-level input current
IIH1
DI, CL, CE, BLK: VIN = 5.5 V
5
µA
IIH2
OSCI: VIN = VDD
5
µA
Low-level input current
IIL
DI, CL, CE, BLK, OSCI: VIN = 0 V
–5
µA
Input floating voltage
VIF
KI1 to KI5
0.05 VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD = 5.0 V
50
100
250
k
Ω
Output off leakage current
IOFFH
DO: VO = 5.5 V
5
µA
VOH1
S1 to S41: IO = –2 mA
VFL – 0.6
V
High-level output voltage
VOH2
G1, G2: IO = –50 mA
VFL – 1.3
V
VOH3
OSCO: IO = –0.5 mA
VDD – 2.0
V
VOH4
KS1 to KS6: IO = –500 µA
VDD – 1.2
VDD – 0.5
VDD – 0.2
V
VOL1
S1 to S41, G1, G2: IO = 50 µA
0.5
V
Low-level output voltage
VOL2
OSCO: IO = 0.5 mA
2.0
V
VOL3
KS1 to KS6: IO = 25 µA
0.2
0.5
1.5
V
VOL4
DO: IO = 1 mA
0.1
0.5
V
Oscillator frequency
fOSC
ROSC = 20 kΩ, COSC = 47 pF
1.6
MHz
Hysteresis voltage
VH
DI, CL, CE, BLK, KI1 to KI5
0.1 VDD
V
Current drain
IDD1
Sleep mode
5
µA
IDD2
Outputs open: fOSC = 1.6 MHz
10
mA
Electrical Characteristics in the Allowable Operating Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18