công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC75394 bảng dữ liệu(PDF) 8 Page - Sanyo Semicon Device

tên linh kiện LC75394
Giải thích chi tiết về linh kiện  Single-Chip Electronic Volume Control System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75394 bảng dữ liệu(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75394 Datasheet HTML 4Page - Sanyo Semicon Device LC75394 Datasheet HTML 5Page - Sanyo Semicon Device LC75394 Datasheet HTML 6Page - Sanyo Semicon Device LC75394 Datasheet HTML 7Page - Sanyo Semicon Device LC75394 Datasheet HTML 8Page - Sanyo Semicon Device LC75394 Datasheet HTML 9Page - Sanyo Semicon Device LC75394 Datasheet HTML 10Page - Sanyo Semicon Device LC75394 Datasheet HTML 11Page - Sanyo Semicon Device LC75394 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Pin Functions
No. 5466-8/17
LC75394NE
Pin No.
Symbol
Function
Note
12
11
10
37
38
39
9
8
7
40
41
42
6
5
4
43
44
45
3
2
1
46
47
48
13
36
14
35
64
49
21
19
17
16
28
30
32
33
57
22, 26
27
LF1C1
LF1C2
LF1C3
RF1C1
RF1C2
RF1C3
LF2C1
LF2C2
LF2C3
RF2C1
RF2C2
RF2C3
LF3C1
LF3C2
LF3C3
RF3C1
RF3C2
RF3C3
LF4C1
LF4C2
LF4C3
RF4C1
RF4C2
RF4C3
LTIN
RTIN
LSELO
RSELO
LF5
RF5
L1
L2
L3
L4
R1
R2
R3
R4
VDD
VSS
AVSS
F1 band control block for left channel. Connect to external
capacitors.
F1 band control block for right channel. Connect to external
capacitors.
F2 band control block for left channel. Connect to external
capacitors.
F2 band control block for right channel. Connect to external
capacitors.
F3 band control block for left channel. Connect to external
capacitors.
F3 band control block for right channel. Connect to external
capacitors.
F4 band control block for left channel. Connect to external
capacitors.
F4 band control block for right channel. Connect to external
capacitors.
Tone control inputs. Must be driven with low-impedance
circuits.
Input selector outputs
F5 band control block. Connect to external capacitors.
Signal inputs
Power supply connection
Grounds for internal logic
Ground for internal operational amplifier
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com