| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
33781 bảng dữ liệu(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33781 bảng dữ liệu(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 44 page ![]() Analog Integrated Circuit Device Data 30 Freescale Semiconductor 33781 FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS 0100000 D1R3STAT DBUS 1 Reg 3 Status ER TE SDS RNE ICL 0 FIX0 FIX1 0100001 D1CTRL DBUS 1 Control Register - - DLYB DLYA - LOOP1 LOOP0 MS 0100010 D1EN DBUS 1 Enable Register TS ISDD - - - - - EN 0100011 D1POLY DBUS 1 Polynomial CRC POLY7 CRC POLY6 CRC POLY5 CRC POLY4 CRC POLY3 CRC POLY2 CRC POLY1 CRC POLY0 0100100 D1SEED DBUS 1 CRC Seed CRC SEED7 CRC SEED6 CRCSEE D5 CRCSEE D4 CRCSEE D3 CRCSEE D2 CRCSEE D1 CRCSEE D0 0100101 D1LENGTH DBUS 1 Short Word and CRC Lengths SW LEN3 SW LEN2 SW LEN1 SW LEN0 CRC LEN3 CRC LEN2 CRC LEN1 CRC LEN0 0100110 D1SSCTRL DBUS 1 Spread Spectrum Control - - - - - DEV2 DEV1 DEV0 0100111 D1FSEL DBUS 1 Frequency Select FSEL7 FSEL6 FSEL5 FSEL4 FSEL3 FSEL2 FSEL1 FSEL0 0101000 RESERVED Writes/reads of this address are ignored - - - - - - - - 0101001 RESERVED Writes/reads of this address are ignored - - - - - - - - 0101010 D2R0H DBUS 2 Reg 0 Upper Byte D15 D14 D13 D12 D11 D10 D9 D8 0101011 D2R0L DBUS 2 Reg 0 Lower Byte D7 D6 D5 D4 D3 D2 D1 D0 0101100 D2R0STAT DBUS 2 Reg 0 Status ER TE SDS RNE ICL 0 FIX0 FIX1 0101101 D2R1H DBUS 2 Reg 1 Upper Byte D15 D14 D13 D12 D11 D10 D9 D8 0101110 D2R1L DBUS 2 Reg 1 Lower Byte D7 D6 D5 D4 D3 D2 D1 D0 0101111 D2R1STAT DBUS 2 Reg 1 Status ER TE SDS RNE ICL 0 FIX0 FIX1 0110000 D2R2H DBUS 2 Reg 2 Upper Byte D15 D14 D13 D12 D11 D10 D9 D8 0110001 D2R2L DBUS 2 Reg 2 Lower Byte D7 D6 D5 D4 D3 D2 D1 D0 0110010 D2R2STAT DBUS 2 Reg 2 Status ER TE SDS RNE ICL 0 FIX0 FIX1 0110011 D2R3H DBUS 2 Reg 3 Upper Byte D15 D14 D13 D12 D11 D10 D9 D8 0110100 D2R3L DBUS 2 Reg 3 Lower Byte D7 D6 D5 D4 D3 D2 D1 D0 0110101 D2R3STAT DBUS 2 Reg 3 Status ER TE SDS RNE ICL 0 FIX0 FIX1 0110110 D2CTRL DBUS 2 Control Register - - DLYB DLYA - LOOP1 LOOP0 MS 0110111 D2EN DBUS 2 Enable Register TS ISDD - - - - - EN 0111000 D2POLY DBUS 2 Polynomial CRC POLY7 CRC POLY6 CRC POLY5 CRC POLY4 CRC POLY3 CRC POLY2 CRC POLY1 CRC POLY0 0111001 D2SEED DBUS 2 CRC Seed CRC SEED7 CRC SEED6 CRCSEE D5 CRCSEE D4 CRCSEE D3 CRCSEE D2 CRCSEE D1 CRCSEE D0 0111010 D2LENGTH DBUS 2 Short Word and CRC Lengths SW LEN3 SW LEN2 SW LEN1 SW LEN0 CRC LEN3 CRC LEN2 CRC LEN1 CRC LEN0 0111011 D2SSCTRL DBUS 2 Spread Spectrum Control - - - - - DEV2 DEV1 DEV0 0111100 D2FSEL DBUS 2 Frequency Select FSEL7 FSEL6 FSEL5 FSEL4 FSEL3 FSEL2 FSEL1 FSEL0 0111101 RESERVED Writes/reads of this address are ignored - - - - - - - - 0111110 RESERVED Writes/reads of this address are ignored - - - - - - - - Table 9. Register List (continued) Register Address Register Name Register Definition Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 |