công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGSD bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện MGSD
Giải thích chi tiết về linh kiện  GRID HIGH-PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

MGSD bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  MGSD Datasheet HTML 1Page - Tyco Electronics MGSD Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MGST
SENSITIVE .100 GRID DIODE
SUPPRESSED/MOSFET
DRIVEN HIGH-PERFORMANCE
RELAY
QUALIFIED TO
MIL-R-28776/7
FEATURES
MOSFET driver, zener
& suppression diodes
Hermetically sealed
High shock & vibration
ratings
Mounting pads
Excellent RF switching
MGSDD
SENSITIVE .100 GRID DIODE
SUPPRESSED/PROTECTED
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/43
FEATURES
Suppression &
protection diodes
Hermetically sealed
High shock & vibration
ratings
Mounting pads
Excellent RF switching
MGS
SENSITIVE .100 GRID
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/41
FEATURES
Hermetically sealed
High shock & vibration
ratings
Mounting pads
Excellent RF switching
MGSD
SENSITIVE .100 GRID
DIODE SUPPRESSED
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/42
FEATURES
Suppression diode
Hermetically sealed
High shock & vibration
ratings
Mounting pads
Excellent RF switching
18
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
1.0 A @ 28 Vdc
Resistive
100,000
250 mA @ 115 Vac, 60 Hz & 400 Hz
Resistive (case not grounded)
100,000
100 mA @ 115 Vac, 60 Hz & 400 Hz
Resistive
100,000
0.2 A @ 28 Vdc
Inductive (0.32 Henry)
100,000
0.1 A @ 28 Vdc
Lamp
100,000
30 µA @ 50 mVdc
Low Level
1,000,000
0.1 A @ 28 Vdc
Intermediate Current
50,000
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Gold/platinum/palladium/silver
(gold plated)
Moveable:
Gold/platinum/palladium/silver
(gold plated)
CONTACT RESISTANCE
Before Life: 100 milliohms max.
(measured @ 10 mA @ 6 Vdc)
After Life: 200 milliohms max.
(measured @ 1 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
1 million operations
COIL VOLTAGE
5 to 48 Vdc
COIL POWER
565 mW max. @ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 50% of
nominal coil voltage
PICK-UP SENSITIVITY
60 mW max. @ 25°C
.375 (9.53)
MAX
.335 (8.51) SQ MAX
.370 (9.40) SQ MAX
.375 (9.53)
MAX
.335 (8.51) MAX
.370 (9.40) MAX
.435 (11.05) MAX
8 PINS
.017
(0.43) DIA
+.002
-.001
9 PINS
.017
(0.43) DIA
+.002
-.001
TERMINALS
C .500 MIN (12.7)
P .187
±.010 (4.75 ±.25)
(Length excludes mounting pad)
MGS/MGSD/MGSDD ENCLOSURE
MGST ENCLOSURE
MGS
MGST
MGS MGSD MGSDD MGST
X2
A2
B2
A1
B1
A3
B3
X1
+
X1
A2
B2
A1
B1
A3
B3
X2
X2
A2
B2
A1
B1
A3
B3
X1
+
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
GROUND PIN
(OPTIONAL)
.100
(2.54)
.100
(2.54)
.031
± .003 (0.79)
.035
(0.98)
.375 (9.40) SQ MAX
.100
(2.54)
.100
(2.54)
.031
± .003 (0.79)
GROUND PIN
(OPTIONAL)
.035
(0.98)
.475
(11.94)
MAX
.375 (9.40) MAX
MGS/MGSD/MGSDD HEADER
MGST HEADER
X2
A2
B2
A1
B1
A3
B3
X1
_
+
G


Số phần tương tự - MGSD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Magnelab.
MGS-1800-0250 MAGNELAB-MGS-1800-0250 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0400 MAGNELAB-MGS-1800-0400 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0500 MAGNELAB-MGS-1800-0500 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0800 MAGNELAB-MGS-1800-0800 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-1000 MAGNELAB-MGS-1800-1000 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
More results

Mô tả tương tự - MGSD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
HFW MACOM-HFW Datasheet
86Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
MACDG-26S MACOM-MACDG-26S Datasheet
102Kb / 2P
TO-5 HIGH-PERFORMANCE RELAYS
MFW MACOM-MFW Datasheet
82Kb / 1P
HIGH PERFORMANCE RELAYS
MGA MACOM-MGA Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MSD MACOM-MSD Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
SMGS MACOM-SMGS Datasheet
78Kb / 2P
GRID SURFACE MOUNT HIGH-PERFORMANCE
SRBW-4C-24B MACOM-SRBW-4C-24B Datasheet
98Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1106K12 MACOM-HFW1106K12 Datasheet
101Kb / 3P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com