công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC173AEVB bảng dữ liệu(PDF) 20 Page - Semtech Corporation

tên linh kiện SC173AEVB
Giải thích chi tiết về linh kiện  3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173AEVB bảng dữ liệu(HTML) 20 Page - Semtech Corporation

Back Button SC173AEVB Datasheet HTML 16Page - Semtech Corporation SC173AEVB Datasheet HTML 17Page - Semtech Corporation SC173AEVB Datasheet HTML 18Page - Semtech Corporation SC173AEVB Datasheet HTML 19Page - Semtech Corporation SC173AEVB Datasheet HTML 20Page - Semtech Corporation SC173AEVB Datasheet HTML 21Page - Semtech Corporation SC173AEVB Datasheet HTML 22Page - Semtech Corporation SC173AEVB Datasheet HTML 23Page - Semtech Corporation SC173AEVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
© 2010 Semtech Corporation
inner layers to expand the heat sinking area.
On the bottom layer, the resistor network composed of
R3 and R4 determines the output voltage. C7 is the feed
forward capacitor which helps to stabilize the circuit. R6
in series with C9 is connected to the LX pin (through the
via) to the power ground. C8 is the coupling capacitor
which injects the ramp signal generated on C9 to the
FB pin of the SC173A. R7 is the pull up resistor for the
PGOOD pin.
20
SC173A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26