công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APTS050A0X bảng dữ liệu(PDF) 13 Page - Lineage Power Corporation

tên linh kiện APTS050A0X
Giải thích chi tiết về linh kiện  GigaTLynxTM Non-isolated Power Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS050A0X bảng dữ liệu(HTML) 13 Page - Lineage Power Corporation

Back Button APTS050A0X Datasheet HTML 9Page - Lineage Power Corporation APTS050A0X Datasheet HTML 10Page - Lineage Power Corporation APTS050A0X Datasheet HTML 11Page - Lineage Power Corporation APTS050A0X Datasheet HTML 12Page - Lineage Power Corporation APTS050A0X Datasheet HTML 13Page - Lineage Power Corporation APTS050A0X Datasheet HTML 14Page - Lineage Power Corporation APTS050A0X Datasheet HTML 15Page - Lineage Power Corporation APTS050A0X Datasheet HTML 16Page - Lineage Power Corporation APTS050A0X Datasheet HTML 17Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Data Sheet
February 14, 2011
GigaTLynxTM SMT Non-isolated Power Modules:
4.5 – 14Vdc input; 0.7Vdc to 2.0Vdc, 50A Output
LINEAGE POWER
13
Thermal Considerations
Power modules operate in a variety of thermal
environments; however, sufficient cooling should always
be provided to help ensure reliable operation.
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of the
module will result in an increase in reliability. The thermal
data presented here is based on physical measurements
taken in a wind tunnel. The test set-up is shown in Figure
29. Note that the airflow is parallel to the short axis of the
module as shown in Figure 30. The derating data applies
to airflow in either direction of the module’s short axis.
The thermal
reference points, Tref used in the
specifications is shown in Figure 30. For reliable
operation the temperatures at this point should not
exceed 125
oC. The output power of the module should
not exceed the rated power of the module (Vo,set x
Io,max).
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules” for a detailed discussion of
thermal aspects including maximum device temperatures.
Figure 30. Preferred airflow direction and location of
hot-spot of the module (Tref).
Figure 29. Thermal Test Setup.
Air
flow
x
Power Module
Wind Tunnel
PWBs
12.7_
(0.50)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com