công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXMP3A17DN8TC bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện ZXMP3A17DN8TC
Giải thích chi tiết về linh kiện  DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3A17DN8TC bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  ZXMP3A17DN8TC Datasheet HTML 1Page - Diodes Incorporated ZXMP3A17DN8TC Datasheet HTML 2Page - Diodes Incorporated ZXMP3A17DN8TC Datasheet HTML 3Page - Diodes Incorporated ZXMP3A17DN8TC Datasheet HTML 4Page - Diodes Incorporated ZXMP3A17DN8TC Datasheet HTML 5Page - Diodes Incorporated ZXMP3A17DN8TC Datasheet HTML 6Page - Diodes Incorporated ZXMP3A17DN8TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP3A17DN8
ISSUE 1 - OCTOBER 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(d)
RθJA
100
°C/W
Junction to Ambient (b)(e)
RθJA
70
°C/W
Junction to Ambient (b)(d)
RθJA
60
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 25mm x 25mm FR4 PCB with coverage of single sided 1oz copper in still air conditions.
(b) For a dual device surface mounted on FR4 PCB measured at t
10 sec.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.05 pulse width=10µs - pulse width limited by maximum junction temperature.
(d) For a dual device with one active die.
(e) For dual device with 2 active die running at equal power.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current@VGS=10V; TA=25 C (b)(d)
@VGS=10V; TA=70 C (b)(d)
@VGS=10V; TA=25 C (a)(d)
ID
-4.4
-3.6
-3.4
A
A
A
Pulsed Drain Current (c)
IDM
-16.2
A
Continuous Source Current (Body Diode)(b)
IS
-2.5
A
Pulsed Source Current (Body Diode)(c)
ISM
-16.2
A
Power Dissipation at TA=25°C (a)(d)
Linear Derating Factor
PD
1.25
10
W
mW/°C
Power Dissipation at TA=25°C (a)(e)
Linear Derating Factor
PD
1.8
14
W
mW/°C
Power Dissipation at TA=25°C (b)(d)
Linear Derating Factor
PD
2.1
17
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com