công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2172 bảng dữ liệu(PDF) 13 Page - Micrel Semiconductor

tên linh kiện MIC2172
Giải thích chi tiết về linh kiện  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 bảng dữ liệu(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2172_06 Datasheet HTML 9Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 10Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 11Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 12Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 13Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 14Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 15Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 16Page - Micrel Semiconductor MIC2172_06 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel
MIC2172/3172
April 2006
13
M9999-041806
(408) 955-1690
clamp to the COMP output (figure 9). This feature can be
useful in applications requiring either a complete
shutdown of Q1’s switching action or a form of current
fold-back limiting. This use of the COMP output does not
disable the oscillator, amplifiers or other circuitry,
therefore
the
supply
current
is
never
less
than
approximately 5mA.
Thermal Management
Although the MIC2172/3172 family contains thermal
protection circuitry, for best reliability, avoid prolonged
operation with junction temperatures near the rated
maximum.
The
junction
temperature
is
determined
by
first
calculating the power dissipation of the device. For the
MIC2172/3172, the total power dissipation is the sum of
the device operating losses and power switch losses.
The
device
operating
losses
are
the
dc
losses
associated with biasing all of the internal functions plus
the losses of the power switch driver circuitry. The dc
losses are calculated from the supply voltage (VIN) and
device supply current (IQ). The MIC2172/3172 supply
current is almost constant regardless of the supply
voltage (see “Electrical Characteristics”). The driver
section losses (not including the switch) are a function of
supply voltage, power switch current, and duty cycle.
() ()
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
+
=
+
50
δ
0.004
I
V
I
V
P
SW
IN
Q
IN
driver
bias
where:
P(bias+driver) = device operating losses
VIN = supply voltage
IQ = quiescent supply current
ISW = power switch current
(see “Design Hints: Switch Current Calculations”)
δ = duty cycle
F
OUT
IN
F
OUT
V
V
V
V
V
δ
+
±
+
=
VOUT = output voltage
VF = D1 forward voltage drop
As a practical example refer to figure 1.
VIN = 5.0V
IQ = 0.006A
ISW = 0.625A
δ = 60% (0.6)
Then:
() ()
() 0.068W
P
50
0.6
0.004
0.625
5
0.006
5
P
driver
bias
driver
bias
=
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
+
×
=
+
+
Power
switch
dissipation
calculations
are
greatly
simplified by making two assumptions which are usually
fairly accurate. First, the majority of losses in the power
switch are due to on-losses. To find these losses, assign
a resistance value to the collector/emitter terminals of
the device using the saturation voltage versus collector
current
curves
(see
Typical
Performance
Characteristics). Power switch losses are calculated by
modeling the switch as a resistor with the switch duty
cycle modifying the average power dissipation.
PSW = (ISW)
2 R
SW δ
From the Typical performance Characteristics:
RSW = 1Ω
Then:
PSW = (0.625)
2 × 1 × 0.6
PSW = 0.234W
P(total) = 0.068 + 0.234
P(total) = 0.302W
The junction temperature for any semiconductor is
calculated using the following:
TJ = TA + P(total) θJA
Where:
TJ = junction temperature
TA = ambient temperature (maximum)
P(total) = total power dissipation
θ
JA = junction to ambient thermal resistance
For the practical example:
TA = 70
°C
θ
JA = 130
°C/W (for plastic DIP)
Then:
TJ = 70 + 0.30
⋅ 130
TJ = 109
°C
This junction temperature is below the rated maximum of
150
°C.
Grounding
Refer to figure 10. Heavy lines indicate high current
paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com