công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9525DP bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện PCA9525DP
Giải thích chi tiết về linh kiện  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525DP bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button PCA9525DP Datasheet HTML 6Page - NXP Semiconductors PCA9525DP Datasheet HTML 7Page - NXP Semiconductors PCA9525DP Datasheet HTML 8Page - NXP Semiconductors PCA9525DP Datasheet HTML 9Page - NXP Semiconductors PCA9525DP Datasheet HTML 10Page - NXP Semiconductors PCA9525DP Datasheet HTML 11Page - NXP Semiconductors PCA9525DP Datasheet HTML 12Page - NXP Semiconductors PCA9525DP Datasheet HTML 13Page - NXP Semiconductors PCA9525DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
10 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
10. Application information
10.1 Design considerations
Figure 13 shows a typical data transfer through the PCA9525. The PCA9525 has
excellent application to extending loads and providing interfaces to connectors on high
speed microprocessor cards. PCA9525 can operate well in excess of the Fast-mode
400 kHz I2C-bus specification (Ref. 1). Rise times are determined simply by the side of
the buffer with the slowest RC time constant.
Figure 14 shows a typical application for the PCA9525. In most applications there will be a
single master on the Sxx_IN side of the buffer. One or more PCA9525s can be connected
to this master, giving multiple isolated bus sections on which the slaves are located. Each
bus section can have the maximum permissible load capacitance, and this capacitance
will not influence any other bus section.
The master can control the enable (EN) signals such that each bus section can be
independently activated. This allows for slaves sharing the same address to be placed on
different bus sections and thus uniquely addressed.
The enable pin (EN) can similarly be used to interface buses of different operating
frequencies. When certain bus sections are enabled, the system frequency may be limited
by a bus section having a slave device specified only to 400 kHz (Fast-mode). When that
bus section is disabled, the slow slave is isolated and the remaining bus can be run at
1 MHz (Fast-mode Plus).
Remark: Input to output delay exaggerated for clarity.
Fig 13. Typical communication sequence through the PCA9525
002aaf341
S
START
sequence
SCL
(clock)
SDA
(data)
A0
(master)
A1
(master)
A2
(master)
master side of PCA9525/PCA9605
slave side of PCA9525/PCA9605
purpose of bit (address bit 5)
device asserting data line (master/slave)
A3
(master)
A4
(master)
A5
(master)
A6
(master)
SDA direction
'hand over' pulses upon change
of device asserting the data line
W
(master)
ACK
(slave)
P
STOP
sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com