công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

13892 bảng dữ liệu(PDF) 93 Page - Freescale Semiconductor, Inc

tên linh kiện 13892
Giải thích chi tiết về linh kiện  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 bảng dữ liệu(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 92Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 93Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 94Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 95Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 96Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
93
13892
FUNCTIONAL DEVICE OPERATION
BATTERY INTERFACE AND CONTROL
INTERNAL TRICKLE CHARGE CURRENT SOURCE
An internal current source between BP and BATTISNS provides small currents to the battery in cases of trickle charging a
dead battery. As can be seen under the description of the standalone charging, this source is activated by the charger state
machine, and its current level is selected based on the battery voltage. The source can also be enabled in software controlled
charging mode by setting the TREN bit. This source cannot be used in single path configurations because in that case,
BATTISNS and BP are shorted on the board.
Table 69. Internal Trickle Charger Control
0 < BATT < BATTMIN
40
BATTMIN < BATT < BATTON
80
Table 70. Internal Trickle Charger Characteristics
Trickle Charge Current Accuracy
-
-
30
%
Operating Voltage
BATTISNS
0
-
-
V
BP-BATTISNS
1
-
-
V
Extended Operating Range (68)
BP-BATTISNS
0.3
-
-
V
Notes
68.
The effective trickle current may be significantly reduced
CHARGER DETECTION AND COMPARATORS
The charger detection is based on three comparators. The “charger valid” monitors CHRGRAW, the “charger presence” that
monitors the voltage drop between CHRGRAW and BPSNS, and the “CHGCURR” comparator that monitors the current through
the sense resistor connected between CHRGISNS and BPSNS. A charger insertion is detected based on the charger presence
comparator and the “charger valid” comparator both going high. For all but the lowest current setting, a charger removal is
detected based on both the “charger presence” comparator going low and the charger current falling below CHGCURR. In
addition, for the lowest current settings or if not charging, the “charger valid” comparator going low is an additional cause for
charger removal detection. The table below summarizes the charger detection logic.
Table 71. Charger Detection
0000, 0001
0
X
X
No
1
0
X
No
1
1
X
Yes
Other Settings
X
0
0
No
X
1
X
Yes
X
X
1
Yes
In addition to the aforementioned comparators, three more comparators play a role in battery charging. These comparators
are “BATTMIN”, which monitors BATT for the safe charging battery voltage, “BATTON”, which monitors BATT for the safe
operating battery voltage, and “BATTCYCL”, which monitors BPSNS for the constant current to constant voltage transition. The
BATTMIN and BATTON comparators have a normal and a long (slow) debounced output. The slow output is used in some places
in the charger flow to provide enough time to the battery protection circuit to reconnect the battery cell.
BATT
Trickle Charge Current (mA)
Parameter
Condition
Min
Typ
Max
Units
Setting ICHRG[3:0]
Charger Valid
Comparator
Charger Presence
Comparator
CHGCURR Comparator
Charger Detected
Table 72. Charger Detectors main characteristics
Parameter
Condition
Min
Typ
Max
Units
BATTMIN Threshold
At BATT
2.9
-
3.1
Volts
BATTON Threshold
At BATT
3.3
-
3.5
Volts
BATTCYCL Threshold
At BPSNS relative to VCHRG[2:0]
-
98
-
%
Charger Presence
CHRGRAW-BPSNS
10
-
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com